Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS4812 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS4812
Description  Fixed Function Multi-Effects Audio Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4812 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS4812 Datasheet HTML 17Page - Cirrus Logic CS4812 Datasheet HTML 18Page - Cirrus Logic CS4812 Datasheet HTML 19Page - Cirrus Logic CS4812 Datasheet HTML 20Page - Cirrus Logic CS4812 Datasheet HTML 21Page - Cirrus Logic CS4812 Datasheet HTML 22Page - Cirrus Logic CS4812 Datasheet HTML 23Page - Cirrus Logic CS4812 Datasheet HTML 24Page - Cirrus Logic CS4812 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
CS4812
DS291PP3
21
and a memory address pointer (MAP) byte. The
MAP byte contains the address of the control port
register to be accessed. Following the preamble,
the host controller sends the actual data byte to be
written to the register designated by the MAP. The
host controller then de-asserts CS. Figure 16 shows
the SPI slave mode write flow diagram.
In SPI slave mode, a read sequence from an exter-
nal controller is shown in Figure 17. The host con-
troller executes a partial write-cycle by sending a
16-bit write preamble to the CS4812 with the MAP
byte set to the address of the control port byte reg-
ister to be read. The host controller then de-asserts
CS, re-asserts CS, and sends the 7-bit chip address
followed by the R/W bit set to 1. The host control-
ler then clocks out the control port register desig-
nated by the MAP byte. The host controller then
de-asserts CS. Figure 18 shows the SPI mode slave
read flow diagram initiated by the host microcon-
troller. Figure 19 shows the SPI slave mode read
flow diagram incorporating the DSP REQ signal.
REQ is used to notify the host controller that a data
byte from the DSP is waiting to be read.
The behavior of the REQ signal is dependent on
when data is written to the serial control port output
register in relation to CCLK and bit 2 of the current
byte being transferred. There are three cases of
REQ behavior:
1. The REQ line will be de-asserted immediately
following the rising edge of CCLK on the D2 bit of
the current byte being transferred if there is no data
in the serial control port output register. The REQ
line remains de-asserted and a stop condition
SET CS LOW
WRITE DATA BYTE
MORE DATA?
SET CS HIGH
Y
WRITE MAP BYTE
N
WRITE ADDRESS BYTE
WITH R/W BIT = 0
Figure 16. SPI Slave Write Flow Diagram
CDOUT
CS
CLK
CDIN
10 11 12
CHIP ADDRESS (WRITE)
MAP BYTE
MSB
R/W
CHIP ADDRESS (READ)
R/W
0
0
1
0
0
0
0
0 INCR 6
5
4
3
2
1
0
0
0
1
0
0
0
0
1
REQ
0
1
2
3
4
5
6
7
8
9
13 14 15
DATA
7
6
5
4
3
2
1
0
(input)
(output)
(input)
(input)
(output)
DATA
7
6
5
4
3
2
1
0
Figure 17. Control Port Timing, SPI Slave Mode Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com