Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS4812 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS4812
Description  Fixed Function Multi-Effects Audio Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4812 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS4812 Datasheet HTML 21Page - Cirrus Logic CS4812 Datasheet HTML 22Page - Cirrus Logic CS4812 Datasheet HTML 23Page - Cirrus Logic CS4812 Datasheet HTML 24Page - Cirrus Logic CS4812 Datasheet HTML 25Page - Cirrus Logic CS4812 Datasheet HTML 26Page - Cirrus Logic CS4812 Datasheet HTML 27Page - Cirrus Logic CS4812 Datasheet HTML 28Page - Cirrus Logic CS4812 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
CS4812
DS291PP3
25
consists of a start condition followed by its slave
address byte with the Read/Write bit set to 0. The
host controller then initiates a read preamble. The
read preamble is identical to the write preamble ex-
cept for the state of the Read/Write bit. The host
controller then sends a MAP byte which contains
the address of the control register to be accessed.
After receiving the MAP byte, the CS4812 returns
the contents of this register to the host controller.
The host controller may continue reading registers
by sending additional MAP bytes or complete the
transaction by initiating a stop condition. Figure 24
shows the SPI mode slave read flow diagram initi-
ated by the host microcontroller. Figure 25 shows
the I2C slave mode read flow diagram incorporat-
ing the DSP REQ signal. REQ is used to notify the
host controller that a data byte from the DSP is
waiting to be read.
The behavior of the REQ signal is dependent on
when data is written to the SCP output register in
relation to SCL and bit 1 of the current byte being
transferred. There are three cases of REQ behavior:
1. The REQ line will be de-asserted immediately
following the rising edge of SCL on the D1 bit of
the current byte being transferred if there is no data
in the SCP output register. The REQ line remains
de-asserted and a stop condition should be issued
by the bus master, thus completing the transfer.
2. If data is written to the SCP output register prior
to the rising edge of SCL for the D1 bit, REQ will
remain asserted. The bus master should continue to
shift out this new byte.
3. If data is placed in the SCP output register by the
DSP after the rising edge of SCL for the D1 bit,
REQ will be immediately re-asserted, thus creating
a pulse on REQ. The byte in the SCP out register
may be read by the bus master as part of the current
transaction or may be read later as part of a new
read transaction.
The CS4812 has a MAP auto increment capability
which allows block reads or writes of successive
control port registers.This feature is enabled by set-
ting the INCR bit in the MAP byte.
During a write sequence, multiple bytes may be
written by continuing to send data bytes to the
CS4812 after the first data byte and before initiat-
ing a stop condition. If auto increment is disabled,
the last data byte sent will appear in the register
designated by the MAP. If auto increment is en-
SEND I2C START
WRITE ADDRESS BYTE
WITH R/W BIT = 0
GET ACK
READ DATABYTE
MORE BYTES
N
Y
SEND ACK
SEND NACK
SEND I2C STOP
GET ACK
WRITE ADDRESS BYTE
WITH R/W BIT = 1
GET ACK
SEND I2C START
SEND MAP BYTE
Figure 24. I2C Slave Mode Read Flow Diagram
TO READ?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com