Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS4812 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS4812
Description  Fixed Function Multi-Effects Audio Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4812 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS4812 Datasheet HTML 26Page - Cirrus Logic CS4812 Datasheet HTML 27Page - Cirrus Logic CS4812 Datasheet HTML 28Page - Cirrus Logic CS4812 Datasheet HTML 29Page - Cirrus Logic CS4812 Datasheet HTML 30Page - Cirrus Logic CS4812 Datasheet HTML 31Page - Cirrus Logic CS4812 Datasheet HTML 32Page - Cirrus Logic CS4812 Datasheet HTML 33Page - Cirrus Logic CS4812 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
CS4812
30
DS291PP3
Power Supply
VA - Analog Power
Power: analog supply, +5V.
AGND - Analog Ground
Ground: analog ground.
VD - Digital Power
Power: digital supply, +5V.
DGND - Digital Ground
Ground: digital ground.
Analog Inputs
AINL+/-,AINR+/- - Differential Analog Inputs
Inputs: These pins accept differential analog input signals and are internally biased to the reference
voltage of 2.3 V. The + and - input signals should be 180° out of phase. A single-ended signal may also
be directly applied to either the + or - input with the other input AC coupled to ground through a
capacitor. In general, differential input signals provide better performance. For best audio performance,
a passive anti-aliasing filter is required. The typical connection diagram in Figure 5. shows the
recommended single-ended input circuit. Figure 10 shows the recommended differential input circuit.
Inputs may be externally AC or DC coupled. This permits use of the ADCs for input of audio signals or
for measurement of DC control voltages. By default, an internal high pass filter removes any DC offsets
from both of the ADC inputs. If measurement of DC is required on either of the ADC inputs, then the
internal high pass filter must be disabled. Analog audio input signals that are DC coupled must be
biased at 2.3 V to maintain proper input signal swing. DC control input voltages may range from ground
to Vcc and should be applied to only the + or - input with the other input coupled to ground through a
capacitor.
OVL - ADC Overload Indicator
Output: This pin is asserted if either ADC is clipping. The pin does not latch and de-asserts when
clipping stops.
Analog Outputs
AOUT1+/-, AOUT2+/- - Differential Audio Outputs
Outputs: These pins output differential analog signals which are biased to the internal reference voltage
of approximately 2.3V. The + and - output signals are 180° out of phase resulting in a nominal
differential output voltage of twice the output pin voltage. For best performance, an anti-imaging filter is
required. Figure 12 shows the recommended second and third order Butterworth differential-to-single-
ended output buffer circuits.
Voltage Reference
CMOUT - Common Mode Output
Output: This pin provides an internally generated reference of 2.3V to be used for biasing external
analog circuitry. The load on CMOUT must be DC only, with an impedance of not less than 50 k
Ω.
CMFILT+,CMFILT- - Common Mode Filter Connections
Inputs: These pins are connections for external filter components required by the internal common mode
reference circuit. See the typical connection diagram in Figure 5. for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com