Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS4812 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS4812
Description  Fixed Function Multi-Effects Audio Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4812 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS4812 Datasheet HTML 24Page - Cirrus Logic CS4812 Datasheet HTML 25Page - Cirrus Logic CS4812 Datasheet HTML 26Page - Cirrus Logic CS4812 Datasheet HTML 27Page - Cirrus Logic CS4812 Datasheet HTML 28Page - Cirrus Logic CS4812 Datasheet HTML 29Page - Cirrus Logic CS4812 Datasheet HTML 30Page - Cirrus Logic CS4812 Datasheet HTML 31Page - Cirrus Logic CS4812 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
CS4812
28
DS291PP3
4. POWER SUPPLY AND GROUNDING
Proper layout and grounding is critical to obtaining
optimal audio performance in your system. The
most important rule to remember is to not allow
currents from digital circuitry to couple into sensi-
tive analog circuitry. This is generally done by us-
ing a separate or filtered power supply for the
analog circuitry, physically separating the analog
and digital components and traces in the pcb layout
and using wide traces or planes for ground and
power. One misplaced component or trace can se-
verely degrade overall system performance.
When using separate supplies, the analog and digi-
tal power should be connected to the CS4812 via a
ferrite bead, positioned closer than 1" to the device
(see Figure 21). The CS4812 VA pin should be de-
rived from the quietest power source available. If
only one supply is available, use the suggested ar-
rangement in Figure 5.
A single solid ground plane is the simplest ground-
ing scheme that works well in many cases. All an-
alog and digital grounds shown in Figure 5 should
be tied to the one plane.
Decoupling capacitors should be placed as close as
possible to the device with the lowest value capac-
itor closest to the chip. Any power and ground con-
nection vias should be placed near their respective
component pins and should be attached directly to
the appropriate plane. If traces are used for the
power supplies to the CS4812, they should be as
wide as possible to maintain low impedance.
It is recommended to solder the CS4812 directly to
the printed circuit board. Soldering improves per-
formance and enhances reliability
Digital
Power
Plane
Note that the CS4812
is oriented with its
digital pins towards the
digital end of the board.
Digital Interface
Analog Signals &
Components
Analog
Power
Plane
1/8"
>
CS4812
Ferrite
Bead
Figure 27. CS4812 Suggested Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com