Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS4812 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS4812
Description  Fixed Function Multi-Effects Audio Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4812 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS4812 Datasheet HTML 5Page - Cirrus Logic CS4812 Datasheet HTML 6Page - Cirrus Logic CS4812 Datasheet HTML 7Page - Cirrus Logic CS4812 Datasheet HTML 8Page - Cirrus Logic CS4812 Datasheet HTML 9Page - Cirrus Logic CS4812 Datasheet HTML 10Page - Cirrus Logic CS4812 Datasheet HTML 11Page - Cirrus Logic CS4812 Datasheet HTML 12Page - Cirrus Logic CS4812 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
CS4812
DS291PP3
9
SWITCHING CHARACTERISTICS - CONTROL PORT - SPI MASTER
(TA = 25°C, VA, VD = 5V; Inputs: logic 0 = DGND, logic 1 = VD, CL = 30 pF)
Notes: 15. Depending on the input clock configuration, CCLK may be up to 2*Fs temporarily during AutoBoot after
RST is de-asserted and before the control port registers have been initialized.
16. Measured with a 2.2 k
Ω pull-up resistor to VD.
Parameter
Symbol
Min
Typ
Max
Units
SPI Master (AutoBoot) Mode (SPI/I2C = 0, SCPM/S = 1, Note 14)
CCLK Clock Frequency
(Note 15)
fsck
-Fs
-
kHz
CCLK Low Time
tscl
-1/(2*Fs)-
ns
CCLK High Time
tsch
-1/(2*Fs)-
ns
CCLK Rise Time
(Note 16)
tr2
-12
-
ns
CCLK Fall Time
(Note 16)
tf2
-12
-
ns
RST rising to CS falling
tsrs
-42
-
µs
CS High Time Between Transmissions
tcsh
37
-
-
µs
CS Falling to CCLK Edge
tcss
5-
-
µs
CS Falling to CDOUT valid
tdv
-
-
50
ns
CCLK Falling to CDOUT valid
tpd
--
100
ns
CDIN to CCLK Rising Setup Time
tdsu
80
-
-
ns
CCLK Rising to DATA Hold Time
tdh
80
-
-
ns
CCLK Falling to CS rising
tclcs
40
-
-
ns
t r2
t f2
t dsu t dh
t sch
t scl
CS
CCLK
CDIN
t css
t csh
t clcs
t srs
RST
t pd
CDOUT
t dv
Figure 2. SPI Control Port Master Mode (AutoBoot) Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com