Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS4812 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS4812
Description  Fixed Function Multi-Effects Audio Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4812 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS4812 Datasheet HTML 28Page - Cirrus Logic CS4812 Datasheet HTML 29Page - Cirrus Logic CS4812 Datasheet HTML 30Page - Cirrus Logic CS4812 Datasheet HTML 31Page - Cirrus Logic CS4812 Datasheet HTML 32Page - Cirrus Logic CS4812 Datasheet HTML 33Page - Cirrus Logic CS4812 Datasheet HTML 34Page - Cirrus Logic CS4812 Datasheet HTML 35Page - Cirrus Logic CS4812 Datasheet HTML 36Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
CS4812
34
DS291PP3
7. PACKAGE DIMENSIONS
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
---
0.134
---
3.400
A1
0.010
0.014
0.250
0.350
B
0.009
0.015
0.220
0.380
D
0.667
0.687
16.950
17.450
D1
0.547
0.555
13.900
14.100
E
0.904
0.923
22.950
23.450
E1
0.783
0.791
19.900
20.100
e*
0.022
0.030
0.550
0.750
∝
0.000°
7.000°
0.00°
7.00°
L
0.018
0.030
0.450
0.750
* Nominal pin pitch is 0.65 mm
Controlling dimension is mm.
JEDEC Designation: MS022
100L MQFP PACKAGE DRAWING
E1
E
D1
D
1
e
L
∝
B
A1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com