Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS4812 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS4812
Description  Fixed Function Multi-Effects Audio Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4812 Datasheet(HTML) 4 Page - Cirrus Logic

  CS4812 Datasheet HTML 1Page - Cirrus Logic CS4812 Datasheet HTML 2Page - Cirrus Logic CS4812 Datasheet HTML 3Page - Cirrus Logic CS4812 Datasheet HTML 4Page - Cirrus Logic CS4812 Datasheet HTML 5Page - Cirrus Logic CS4812 Datasheet HTML 6Page - Cirrus Logic CS4812 Datasheet HTML 7Page - Cirrus Logic CS4812 Datasheet HTML 8Page - Cirrus Logic CS4812 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
CS4812
4
DS291PP3
1. CHARACTERISTICS AND SPECIFICATIONS
ADC CHARACTERISTICS (T
A = 25°C; VA, VD = + 5V; -1 dB Full Scale Input Sine wave,
997 Hz; Fs = 48 kHz; XTI = 12.288 MHz (PLL disabled). Measurement Bandwidth is 20 Hz to 20 kHz.)
Notes: 1. Referenced to typical full-scale differential input voltage (2 Vrms).
2. Bench tested only.
3. Filter characteristics scale with output sample rate.
4. Group delay for Fs = 48 kHz, tgd = 15/48 kHz = 313 µs.
5. Measured using differential analog input circuit, see Figure 10.
6. Filter Response is not tested but guaranteed by design.
Parameters
Symbol
Min
Typ
Max
Units
Analog Input Characteristics
ADC Conversion
Stereo Audio channels
16
-
24
Bits
Dynamic Range
(A weighted, Note 5)
(unweighted, Note 5)
93
90
100
97
-
-
dB
dB
Total Harmonic Distortion + Noise
(Note 1,5)
(PLL enabled)
(Note 1,2,5)
THD+N
-
-
-92
-92
-87
-
dB
Interchannel Isolation
-
90
-
dB
Interchannel Gain Mismatch
-
0.1
-
dB
Offset Error (with high pass filter enabled)
(Note 6)
-
-
0
LSB
Full Scale Input Voltage (Differential)
1.9
2.0
2.1
Vrms
Gain Drift
(Note 2)
-
100
-
ppm/°C
Input Resistance
10
-
-
k
Input Capacitance
-
-
15
pF
CMOUT Output Voltage
-
2.3
-
V
Common Mode Rejection Ratio
(Note 2)
CMRR
60
dB
Group Delay (Fs = Output Sample Rate)
(Note 4)
tgd
-15/Fs
-
s
Group Delay Variation vs. Frequency
∆tgd
--
0
µs
High Pass Filter Characteristics
Frequency Response
-3dB (Note 3)
-0.14dB (Note 3)
-
-
3.7
20
-
-
Hz
Hz
Phase Deviation
@ 20 Hz (Note 3)
-
10
-
Degree
Passband Ripple
-
-
0
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com