Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS4812 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS4812
Description  Fixed Function Multi-Effects Audio Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4812 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS4812 Datasheet HTML 20Page - Cirrus Logic CS4812 Datasheet HTML 21Page - Cirrus Logic CS4812 Datasheet HTML 22Page - Cirrus Logic CS4812 Datasheet HTML 23Page - Cirrus Logic CS4812 Datasheet HTML 24Page - Cirrus Logic CS4812 Datasheet HTML 25Page - Cirrus Logic CS4812 Datasheet HTML 26Page - Cirrus Logic CS4812 Datasheet HTML 27Page - Cirrus Logic CS4812 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
CS4812
24
DS291PP3
PROM memory mapping is handled automatically
by the development tools and is transparent to the
designer.
3.5.2.2
I2C Slave Mode
In I2C slave mode, a write sequence from an exter-
nal host controller is shown in Figure 22.. The host
controller sends a write preamble consisting of a
start condition followed by the slave address for the
CS4812. The slave address byte consists of a 7-bit
address field (00100|AD1|AD0) followed by a
Read/Write bit (set to 0). AD1 and AD0 correspond
to the logic levels applied to the these pins on the
CS4812. The host controller then sends a MAP
byte which contains the address of the control reg-
ister to be accessed followed by the actual data byte
to be written to the register designated by the MAP.
Upon completion of this, the host controller then
sends a stop condition to complete the transaction.
Figure 21 shows the I2C slave mode write flow di-
agram
In I2C slave mode, a read sequence by an external
host controller is shown in Figure 23. The host con-
troller sends a write preamble to the CS4812 which
4
5
6
7
24 25
SCL
CHIP ADDRESS (WRITE)
MAP BYTE
DATA
DATA +1
START
ACK
STOP
ACK
ACK
ACK
0
0
1
0
0 AD1 AD0 0
SDA
INCR
6
5
4
3
2
1
0
7
6
1
0
7
6
1
0
7
6
1
0
0
1
2
3
8
9
12
16 17 18
19
10 11
13 14 15
27 28
26
DATA +n
Figure 22. Control Port Timing, I2C Slave Mode Write
SCL
CHIP ADDRESS (WRITE)
MAP BYTE
DATA
DATA +1
START
ACK
STOP
ACK
ACK
ACK
0
0
1
0
0 AD1 AD0 0
SDA
0
0
1
0
0 AD1 AD0 1
CHIP ADDRESS (READ)
START
INCR
6
5
4
3
2
1
0
7
0
7
0
7
0
NO
16
8
9
12 13 14 15
4
5
6
7
0
1
20 21 22 23 24
26 27 28
2
3
10 11
17 18
19
25
ACK
REQ
DATA + n
Figure 23. Control Port Timing, I2C Slave Mode Read
SEND I2C START
WRITE ADDRESS BYTE
WITH R/W BIT = 0
GET ACK
SEND DATABYTE
MORE DATA?
N
Y
GET ACK
SEND I2C STOP
GET ACK
SEND MAP BYTE
Figure 21. I2C Slave Mode Write Flow Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com