Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AT697F Datasheet(PDF) 69 Page - ATMEL Corporation

Part # AT697F
Description  SPARC V8 High Performance Low-power 32-bit Architecture
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 69 Page - ATMEL Corporation

Back Button AT697F_14 Datasheet HTML 65Page - ATMEL Corporation AT697F_14 Datasheet HTML 66Page - ATMEL Corporation AT697F_14 Datasheet HTML 67Page - ATMEL Corporation AT697F_14 Datasheet HTML 68Page - ATMEL Corporation AT697F_14 Datasheet HTML 69Page - ATMEL Corporation AT697F_14 Datasheet HTML 70Page - ATMEL Corporation AT697F_14 Datasheet HTML 71Page - ATMEL Corporation AT697F_14 Datasheet HTML 72Page - ATMEL Corporation AT697F_14 Datasheet HTML 73Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 176 page
background image
69
AT697F
7703E–AERO–08/11
The time tag counter is stored in the trace as an execution time reference.
Trace Buffer
The trace buffer consists in a circular buffer that stores the executed instructions and/or
the internal bus data transfers. The size of the trace buffer is 512 lines of 16 bytes. The
trace buffer operation is controlled through the DSU control register (DSUC) and the
trace buffer control register (TBCTL). When the processor enters debug mode, tracing is
suspended.
The trace buffer can contain the executed instructions, the transfers on the internal bus
or both (mixed-mode). The trace buffer control register (TBCTL) contains an instruction
trace index counter (TBCTL.icnt) and an internal bus trace index counter
(TBCTL.bcnt) that store the address of the trace buffer location that will be written on
next trace. Since the buffer is circular, they actually point to the oldest entry in the buffer.
The index counters are automatically incremented after each stored trace entry.
The trace buffer operation is controlled as follows:
Tracing can be globally enabled/disabled (DSUC.te)
Instruction tracing can be enabled/disabled (TBCTL.ti)
Internal bus tracing can be enabled/disabled (TBCTL.ta)
Internal bus trace freeze on entry into debug mode can be enabled/disabled
(TBCTL.af)
Instruction trace
When instruction tracing is enabled (TBCTL.ti = 1), one instruction is stored per line in
the trace buffer with the exception of multi-cycle instructions. Multi-cycle instructions can
be entered two or three times in the trace buffer:
For store instructions, bits [95:64] correspond to the store address on the first entry
and to the stored data on the second entry (and third in case of STD). Bit 126 is set
logical one on the second and third entry to indicate this.
A double load (LDD) is entered twice in the trace buffer, with bits [95:64] containing
the loaded data.
Multiply and divide instructions are entered twice, but only the last entry contains the
result. Bit 126 is set for the second entry.
For FPU operation producing a double-precision result, the first entry contains the
most-significant 32 bits of the results in bits [63:32] while the second entry contains
the least-significant 32 bits in bits [63:32].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com