Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AT697F Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT697F
Description  SPARC V8 High Performance Low-power 32-bit Architecture
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT697F_14 Datasheet HTML 2Page - ATMEL Corporation AT697F_14 Datasheet HTML 3Page - ATMEL Corporation AT697F_14 Datasheet HTML 4Page - ATMEL Corporation AT697F_14 Datasheet HTML 5Page - ATMEL Corporation AT697F_14 Datasheet HTML 6Page - ATMEL Corporation AT697F_14 Datasheet HTML 7Page - ATMEL Corporation AT697F_14 Datasheet HTML 8Page - ATMEL Corporation AT697F_14 Datasheet HTML 9Page - ATMEL Corporation AT697F_14 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 176 page
background image
6
AT697F
7703E–AERO–08/11
These active low outputs provide the chip select signals for decoding two SDRAM
banks.
SDRAS*- SDRAM row address strobe (output)
This active low output provides the RAS signal (Row Access Strobe) for SDRAM
devices.
SDCAS* - SDRAM column address strobe (output)
This active low output provides the CAS signal (Column Access Strobe) for SDRAM
devices.
SDWE* - SDRAM write strobe (output)
This active low output provides the write strobe for SDRAM devices.
SDDQM[3:0] - SDRAM data mask (output)
These active high outputs provide the DQM strobe (Data Mask) for SDRAM devices.
General-Purpose Interface
PIO[15:0] - Parallel I/O port (bi-directional)
These bi-directional signals can be used as general-purpose inputs or outputs to control
external devices. Some of these signals have an alternate function and also serve as
inputs or outputs for internal peripherals.
PCI interface
System
PCI_CLK - PCI clock (input)
This signal provides timing for all transactions on the PCI bus. All other PCI signals,
except PCI_RST*, are sampled on the rising edge of PCI_CLK and all other timing
parameters are defined with respect to this edge.
PCI_RST* - PCI Reset (input)
This active low input is used to bring PCI-specific registers, sequencers and signals to a
consistent state. When asserted, it immediately halts and resets the PCI interface. The
PCI interface resumes execution after the 5th rising edge of the PCI clock after
PCI_RST* was de-asserted.
SYSEN* - System Enable (input)
This active low input is used to configure the PCI interface as the Host-Bridge for the
PCI bus (also called the System-Controller in a CompactPCI-compliant environment). If
de-asserted, the PCI interface is configured as a satellite on the PCI bus.
Caution: This signal shall be kept static and free from glitches while the processor is operating, as
it is not sampled internally. Changing the signal shall only be performed while the proces-
sor is under reset otherwise the processor's behavior is not predictable.
Address & Data
A/D[31:0] - PCI Address Data (bi-directional)
Address and Data are multiplexed on the same PCI pins. During the address phase,
A/D[31:0] contain a physical address (32 bits). For I/O, this is a byte address; for con-
figuration and memory, it is a 32-bit address. During data phases, A/D[7:0] contain
the least significant byte and A/D[31:24] contain the most significant byte.
C/BE*[3:0] - PCI Bus Command and Byte Enables (bi-directional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com