Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AT697F Datasheet(PDF) 82 Page - ATMEL Corporation

Part # AT697F
Description  SPARC V8 High Performance Low-power 32-bit Architecture
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 82 Page - ATMEL Corporation

Back Button AT697F_14 Datasheet HTML 78Page - ATMEL Corporation AT697F_14 Datasheet HTML 79Page - ATMEL Corporation AT697F_14 Datasheet HTML 80Page - ATMEL Corporation AT697F_14 Datasheet HTML 81Page - ATMEL Corporation AT697F_14 Datasheet HTML 82Page - ATMEL Corporation AT697F_14 Datasheet HTML 83Page - ATMEL Corporation AT697F_14 Datasheet HTML 84Page - ATMEL Corporation AT697F_14 Datasheet HTML 85Page - ATMEL Corporation AT697F_14 Datasheet HTML 86Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 176 page
background image
82
AT697F
7703E–AERO–08/11
Three configuration are available:
natural skew (SKEW[1:0] = 00), this is the standard clock-tree as routed internally
medium skew (SKEW[1:0] = 01), the 3 clock-trees are shifted away in time one
from each other
maximum skew (SKEW[1:0] = 10), the 3 clock-trees are further shifted away in
time
Table 22. SKEW Assignements
00
natural
natural
natural skew
01
D1
D3
medium skew
10
D1 + D2
D3 + D4
maximum skew
11
reserved (shall not be used)
Note:
Medium skew and maximum skew configurations improve SET protection but lead to
reduced operating performance: maximum clock frequency is reduced and timings are
slower than when configured for natural skew (see "Electrical Characteristics").
SKEW[1:0]
DELAY
Comments
CLK1 -> CLK2
CLK1 -> CLK3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com