Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AT697F Datasheet(PDF) 72 Page - ATMEL Corporation

Part # AT697F
Description  SPARC V8 High Performance Low-power 32-bit Architecture
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 72 Page - ATMEL Corporation

Back Button AT697F_14 Datasheet HTML 68Page - ATMEL Corporation AT697F_14 Datasheet HTML 69Page - ATMEL Corporation AT697F_14 Datasheet HTML 70Page - ATMEL Corporation AT697F_14 Datasheet HTML 71Page - ATMEL Corporation AT697F_14 Datasheet HTML 72Page - ATMEL Corporation AT697F_14 Datasheet HTML 73Page - ATMEL Corporation AT697F_14 Datasheet HTML 74Page - ATMEL Corporation AT697F_14 Datasheet HTML 75Page - ATMEL Corporation AT697F_14 Datasheet HTML 76Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 176 page
background image
72
AT697F
7703E–AERO–08/11
Debug Operations
Instruction Breakpoints
To insert instruction breakpoints, the breakpoint instruction (ta 1) should be used. This
will leave the four IU hardware breakpoints free to be used as data watchpoints. Since
cache snooping is only perfomed on the data cache, the instruction cache must be
flushed after the insertion or removal of breakpoints. To minimize the influence on exe-
cution, it is enough to clear the corresponding instruction cache tag (which is accessible
through the DSU).
The DSU hardware breakpoints should only be used to freeze the trace buffer, and not
for software debugging since there is a 4-cycle delay from the breakpoint hit before the
processor enters the debug mode.
Single Stepping
When single-stepping is enabled (TBCTL.ss = 1), clearing the break-now bit
(TBCTL.bn = 0) resumes processor execution for one instruction and then automati-
cally re-enters debug mode.
DSU Trap
The DSU trap register (DTR) consists in a read-only register that indicates which SPARC
trap type caused the processor to enter debug mode.
When debug mode is forced by asserting the break-now bit (TBCTL.bn = 1), a
watchpoint_detected trap (0x0B) is generated.
DSU Communication
Link
DSU communication link consists of a UART connected to the internal bus as a master.
Figure 40. DSU Communication Link Block Diagram
DSURX
DSUTX
Receiver shift register
Transmitter shift register
AHB master interface
AHB data/response
AMBA AHB
Serial port
Controller
8*bitclk
Baud-rate
generator
AMBA APB
A simple communication protocol is supported to transmit access parameters and data.
A link command consist of a control byte, followed by a 32-bit address, followed by
optional write data. If the DSU link response is enabled (DSUC.lr = 1), a response byte
is sent after each read/write access. If disabled, a write access does not return any
response, while a read access only returns the read data.
Data Frame
A DSU data frame consists in a start bit, 8 data bits and a stop bit..
Figure 41. DSU UART Data Frame
Start D0
Stop
D6
D5
D4
D3
D2
D1
D7
Commands
Through the communication link, a read or write transfer can be generated to any
address on the internal bus. A response byte is can optionally be sent when the proces-
sor goes from execution mode to debug mode. Block transfers can be performed be
setting the length field to n-1, where n denotes the number of transferred words. For
write accesses, the control byte and address is sent once, followed by the number of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com