Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AT697F Datasheet(PDF) 23 Page - ATMEL Corporation

Part # AT697F
Description  SPARC V8 High Performance Low-power 32-bit Architecture
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button AT697F_14 Datasheet HTML 19Page - ATMEL Corporation AT697F_14 Datasheet HTML 20Page - ATMEL Corporation AT697F_14 Datasheet HTML 21Page - ATMEL Corporation AT697F_14 Datasheet HTML 22Page - ATMEL Corporation AT697F_14 Datasheet HTML 23Page - ATMEL Corporation AT697F_14 Datasheet HTML 24Page - ATMEL Corporation AT697F_14 Datasheet HTML 25Page - ATMEL Corporation AT697F_14 Datasheet HTML 26Page - ATMEL Corporation AT697F_14 Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 176 page
background image
23
AT697F
7703E–AERO–08/11
or hardware error in the FPU. The type of floating-point exception is encoded in the
FPU state register (FSR.ftt).
data_access_exception - A blocking error exception occurred on a load/store
data access. EDAC uncorrectable error.
tag_overflow - A tagged arithmetic instruction was executed, and either
arithmetic overflow occurred or at least one of the tag bits of the operands was non
zero.
trap_division_by_zero - An integer divide instruction attempted to divide by
zero.
trap_instruction - A software instruction (Ticc) was executed and the trap
condition evaluated to true.
When multiple synchronous traps occur at the same cycle (i.e hardware errors), the
highest priority trap is taken and lower priority traps are ignored.
Asynchronous Traps /
Interrupts
The AT697F handles up to 15 interrupts. The interrupt controller is used to prioritize and
propagate interrupts requests from internal peripherals and external devices to the IU.
Figure 5. Interrupt Controller Block Diagram
Interrupt Pending Reg.
ITP
Interrupt Force Reg.
ITF
Interrupt Mask & Priority Reg.
ITMP
Interrupt Clear Reg.
ITC
I/O Interrupt Reg.
IOIT
priority
mask
trap1x generation
PIO[15:0]
Internal Interrupt
(Timer1, Uart1,...)
Interrupt Sources
Operation
Interrupts are controlled in the interrupt mask and priority register (ITMP):
interrupts requests can be masked (ITMP.imask) so they will not trigger an
interrupt
interrupt requests can have a low/high priority level (ITMP.ilevel)
When an interrupt request is generated, the corresponding bit is set in the interrupt
pe nd ing r egist er ( ITP. ipend [] ) on ly if th e inte rru pt is not m a sk ed
(ITMP.imask[] = 0).
Then all pending interrupts are forwarded to the priority selector. The pending interrupt
( ITP. ipend [] ) with th e high est n u m b e r on th e hig h prio rity leve l
(ITMP.ilevel[] = 1) is selected and forwarded to the IU. If no pending interrupt exists
with a high priority level, the pending interrupt with the highest number on the low priority
level (ITMP.ilevel[] = 0) is selected and forwarded to the IU.
Interrupts can also be forced by setting the corresponding bit in the interrupt force regis-
ter (ITF.iforce[] = 1). Forcing is effective only if the corresponding interrupt is not
masked (ITMP.imask[] = 0). A forced interrupt never shows up as pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com