Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AT697F Datasheet(PDF) 92 Page - ATMEL Corporation

Part # AT697F
Description  SPARC V8 High Performance Low-power 32-bit Architecture
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 92 Page - ATMEL Corporation

Back Button AT697F_14 Datasheet HTML 88Page - ATMEL Corporation AT697F_14 Datasheet HTML 89Page - ATMEL Corporation AT697F_14 Datasheet HTML 90Page - ATMEL Corporation AT697F_14 Datasheet HTML 91Page - ATMEL Corporation AT697F_14 Datasheet HTML 92Page - ATMEL Corporation AT697F_14 Datasheet HTML 93Page - ATMEL Corporation AT697F_14 Datasheet HTML 94Page - ATMEL Corporation AT697F_14 Datasheet HTML 95Page - ATMEL Corporation AT697F_14 Datasheet HTML 96Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 176 page
background image
92
AT697F
7703E–AERO–08/11
Table 30. Multiply/Divide Register - Y
Notes: – This TMR-protected register can be safely read after power-up without prior initializa-
tion. However, bits unaffected by the reset operation will have an undertermined
value.
– This register is read and written using the non-priviledged RDY and WRY instructions.
Table 31. Trap Base Register - TBR
Notes: – This TMR-protected register can be safely read after power-up without prior initializa-
tion. However, bits unaffected by the reset operation will have an undetermined
value.
– This register is read and written using the priviledged RDTBR and WRTBR instructions.
Table 32. Program Counter - PC
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9876
543
210
y
r/w
xxxx xxxx xxxx xxxx xxxx xxxx xxxx xxxx
Bit Number
Mnemonic
Description
31..0
y
Y Register
Contains the most significant word of the double-precision product of an integer
multiplication, as a result of either an integer multiply instruction (SMUL, SMULcc,
UMUL, UMULcc), or of a routine that uses the integer multiply step instruction
(MULScc).
Also holds the most significant word of the double-precision dividend for an integer
divide instruction (SDIV, SDIVcc, UDIV, UDIVcc).
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9876
543
210
tba
tt
reserved
r/w
r
r
xxxx xxxx xxxx xxxx xxxx
xxxx xxxx
0000
Bit Number
Mnemonic
Description
31..12
tba
Trap Base Address
The most-significant 20 bits of the trap table address.
11..4
tt
Trap Type
Written by the hardware when a trap occurs (except for an external reset request),
and retains its value until the next trap. It provides an offset into the trap table.
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9876
543
210
pc
0x00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com