Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AT697F Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT697F
Description  SPARC V8 High Performance Low-power 32-bit Architecture
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT697F_14 Datasheet HTML 15Page - ATMEL Corporation AT697F_14 Datasheet HTML 16Page - ATMEL Corporation AT697F_14 Datasheet HTML 17Page - ATMEL Corporation AT697F_14 Datasheet HTML 18Page - ATMEL Corporation AT697F_14 Datasheet HTML 19Page - ATMEL Corporation AT697F_14 Datasheet HTML 20Page - ATMEL Corporation AT697F_14 Datasheet HTML 21Page - ATMEL Corporation AT697F_14 Datasheet HTML 22Page - ATMEL Corporation AT697F_14 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 176 page
background image
19
AT697F
7703E–AERO–08/11
Operating Modes
Reset Mode
The processor asynchronously enters reset mode as soon as the RESET* signal is
asserted. It synchronously exits reset mode on the 5th rising edge of the SDCLK signal
after the RESET* signal has been deasserted.
While in reset mode, the IU, the FPU and all the peripherals are halted. The processor
disables traps (PSR.et = 0), sets the supervisor mode (PSR.s = 1) and sets the pro-
gram counter to location zero (PC = 0 & nPC = 4). Other IU, FPU and peripheral
registers are initialized as well (see "Register Description").
On exit from reset mode, the processor enters execute mode.
Execute Mode
In execute mode, the processor fetches instructions and executes them in the IU (Inte-
ger Unit) or the FPU (Floating-Point Unit). Please refer to "The SPARC Architecture
Manual - Version 8" for further information.
Error Mode
The processor enters error mode when a synchronous trap must occur while traps are
disabled (PSR.et = 0).
This essentially means that a trap which cannot be ignored occured while another trap is
being serviced. In order for that synchronous trap to be serviced, the processor goes
through the normal operation of a trap, including setting the trap-type bits (TBR.tt) to
identify the trap type. It then enters error mode, halts and asserts the ERROR* signal.
The only way to leave error mode is to assert the RESET* signal, which forces the pro-
cessor into reset mode. All information placed in the IU, FPU and all peripherals
registers from the last execute mode (the trap operation) remains unchanged unless
stated otherwise (see "Register Description"). The code executed upon exit from reset
mode can examine the trap type of the synchronous trap and the IU, FPU and all periph-
erals registers and deal with the information they contain accordingly.
Idle Mode
While in execute mode, the processor may enter idle mode in software.
Entry into idle mode is initiated by writing any value to the idle register (IDLE) and made
effective on the next load instruction(caution). While in idle mode, the IU stops fetching
instructions and is kept into a minimal activity. All other peripherals operate as nominal.
Caution: In order to avoid any unwanted side-effect (idle entry not on the foreseen load instruc-
tion), the load instruction shall immediately follow the write operation to the idle register,
Idle mode is terminated as soon as an unmasked interrupt is pending (ITP.ipend) with
an interrupt number of 15 or greater than the current processor interrupt level
(PSR.pil). Then the processor directly goes through the normal operation of servicing
the interrupt.
Debug Mode
Caution: This section is for information purpose only.
As its name clearly states, the Debug Support Unit (DSU) is exclusively meant for debug-
ging purpose. None of the DSU features shall ever be used in the final application where
the DSU shall be turned into an inactive state (DSUEN, DSUBRE and DSURX tied to a per-
manent low level).
As a special case when the DSU is enabled (DSUEN signal asserted), debug mode is
entered when specific conditions are met (see "Debug Support Unit" and "Register
Description" chapters later in this document).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com