Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AT697F Datasheet(PDF) 53 Page - ATMEL Corporation

Part # AT697F
Description  SPARC V8 High Performance Low-power 32-bit Architecture
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button AT697F_14 Datasheet HTML 49Page - ATMEL Corporation AT697F_14 Datasheet HTML 50Page - ATMEL Corporation AT697F_14 Datasheet HTML 51Page - ATMEL Corporation AT697F_14 Datasheet HTML 52Page - ATMEL Corporation AT697F_14 Datasheet HTML 53Page - ATMEL Corporation AT697F_14 Datasheet HTML 54Page - ATMEL Corporation AT697F_14 Datasheet HTML 55Page - ATMEL Corporation AT697F_14 Datasheet HTML 56Page - ATMEL Corporation AT697F_14 Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 176 page
background image
53
AT697F
7703E–AERO–08/11
Internal Clock
When configured for internal clock (UACn.ec = 0), the UART baud-rate comes from a
programmable 12-bits scaler controlled by a configuration register (UASCAn):
the scaler is enabled only when the UART transmitter (UACn.te = 0) and/or the
UART receiver (UACn.re = 0) are enabled
when enabled (UACn.te = 1 and/or UACn.re = 1), the scaler counter is clocked by
the system clock and decremented on each clock cycle
the scaler counter is reloaded from the scaler reload register (UASCAn.rv) after it
underflows and a UART tick is generated for the transmitter and the receiver (tick
frequency is 8 times the desired baud-rate)
The following equations shall be used to calculate the scaler value or the baudrate value
based on the clock frequency:
baudrate =
8
×
)
scalerrv
+1
(
sdclkfreq
scalerrv =
1
baudrate 8
×
sdclkfreq
variable description:
sdclkfreq: internal clock frequency
baudrate: targeted/resulting baud rate
scalerrv: resulting/targeted scaler reload value
External Clock
When configured for an external clock (UACn.ec = 1), the UART scaler is bypassed
and PIO[3] directly provides the UART tick to the transmitter and the receiver (tick fre-
quency is 8 times the desired baud-rate).
The external clock frequency shall be 8 times the desired baud-rate.
Caution: When configured for an external clock source, the clock high and low time on PIO[3]
shall each be longer than the period of the internal system clock (so proper sampling is
achieved).
Double Buffering
Each UART performs double-buffering (a holding register and a shift register) on the
transmitter and the receiver to optimize the data transfer in both directions (no transmit-
ter stopped waiting for reload, no data loss on receiver overrun).
Hardware Flow-Control
Each UART n can perform hardware flow-control to further optimize and secure data
transfer in both directions:
hardware flow-control can be enabled or disabled (UACn.fl)
when enabled (UACn.fl = 1) together with the transmitter (UACn.te = 1), no new
data transmit is initiated until the clear-to-send input pin (CTSn) is asserted (data
transmission is not interrupted is deasserted in the middle of the transmission)
when enabled (UACn.fl = 1) together with the receiver (UACn.re = 1), the
request-to-send output pin (RTSn) is asserted as long as new data can be received
Noise Filtering
The serial input is shifted through an 8-bit filter which changes output only when all bits
in the filter have the same value, effectively forming a low-pass filter with a cut-off fre-
quency of 1/8 system clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com