Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AT697F Datasheet(PDF) 81 Page - ATMEL Corporation

Part # AT697F
Description  SPARC V8 High Performance Low-power 32-bit Architecture
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 81 Page - ATMEL Corporation

Back Button AT697F_14 Datasheet HTML 77Page - ATMEL Corporation AT697F_14 Datasheet HTML 78Page - ATMEL Corporation AT697F_14 Datasheet HTML 79Page - ATMEL Corporation AT697F_14 Datasheet HTML 80Page - ATMEL Corporation AT697F_14 Datasheet HTML 81Page - ATMEL Corporation AT697F_14 Datasheet HTML 82Page - ATMEL Corporation AT697F_14 Datasheet HTML 83Page - ATMEL Corporation AT697F_14 Datasheet HTML 84Page - ATMEL Corporation AT697F_14 Datasheet HTML 85Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 176 page
background image
81
AT697F
7703E–AERO–08/11
To prevent erroneous operations from single event upset (SEU) errors and single event
upset (SEU), the AT697F is based on full triple modular redundancy (TMR) architecture.
Figure 50. TMR structure
Such architecture is based on a fully triplicated clock distribution (CLK1, CLK2 and
CLK3). In that way, each one of the PCI clock and the cpu clock are build as three-clock
trees.
Skew
To prevent the processor from corruption by SET errors (Single Event Transient), skew
can be programmed on the clock trees. The two dedicated pins SKEW[1:0] are used to
control the skew on the clock trees.
Here is a short description of the skew implementation:
Figure 51. CPU clock tree overview
D1
D2
D3
D4
SKEW[1:0]
SKEW[1:0]
SKEW[1:0]
CLK1 tree
CLK2 tree
CLK3 tree
BYPASS
CLK
PLL
cpu clock
D2 = D1
D4 = D3 = 2 * D1
01
10
00
01
10
00
01
10
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com