Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AT697F Datasheet(PDF) 33 Page - ATMEL Corporation

Part # AT697F
Description  SPARC V8 High Performance Low-power 32-bit Architecture
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button AT697F_14 Datasheet HTML 29Page - ATMEL Corporation AT697F_14 Datasheet HTML 30Page - ATMEL Corporation AT697F_14 Datasheet HTML 31Page - ATMEL Corporation AT697F_14 Datasheet HTML 32Page - ATMEL Corporation AT697F_14 Datasheet HTML 33Page - ATMEL Corporation AT697F_14 Datasheet HTML 34Page - ATMEL Corporation AT697F_14 Datasheet HTML 35Page - ATMEL Corporation AT697F_14 Datasheet HTML 36Page - ATMEL Corporation AT697F_14 Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 176 page
background image
33
AT697F
7703E–AERO–08/11
When configured for 8-bit PROM (MCFG1.prwdh = 00), D[31:24] shall be connected
to the memory device(s).
Figure 10. 8-bit PROM Interface
CS
OE
WE
A
D
PROM
OE*
AD
AT697
A[27:0]
D[31:24]
D[31:24]
A[27:0]
WRITE*
ROMS0*
Since an IU load operation is always performed on a word basis (32-bit), read access to
8-bit memory is transformed into a burst of 4 read access to retrieve the 4 bytes. If
EDAC protection is activated, a 5th byte read access is performed as well to retrieve the
checkbits (see "Error Management - EDAC" section later in this chapter).
During a store operation, only the necessary bytes are written if EDAC protection is not
activated.
Caution: When EDAC protection is activated, only a full word write operation shall be performed (5
bytes).
Memory-Mapped I/O
Overview
The memory controller allows addressing a single memory-mapped I/O area. I/O mem-
ory access control is performed using a dedicated chip select (IOS*) and common
output enable (OE*), read (READ) and write (WRITE*) signals. No EDAC protection is
available in this area.
IOS* decodes a fixed 512 MB(1) area (0x20000000 - 0x3FFFFFFF).
The I/O interface is controlled in the memory configuration registers (MCFG1):
interface can be enabled/disabled (MCFG1.ioen)
data bus width can be 8-bit or 32-bit (MCFG1.iowdh)(2)
wait-states can be programmed for read and write access (MCFG1.iows)
read/write access can be BRDY*-controlled (MCFG1.iobrdy)
synchronously/asynchronously(3) (MCFG1.abrdy)
Notes: 1. The upper 256 MB area (0x30000000 - 0x3FFFFFFF) is a shadow of the lower
256 MB area (0x20000000 - 0x2FFFFFFF) because of the 28 bits address bus
limitation.
2. The I/O area shall only be accessed with load/store instructions of a size matching
the configured bus width (LDUB/LDSB/STB when in 8-bit mode and LD/ST when in
32-bit mode).
3. Asynchronous BRDY*-control feature common to PROM, SRAM and I/O interfaces.
Interface Enable
The I/O interface shall be enabled (MCFG1.ioen) before any read or write access is
attempted, otherwise the access is cancelled and:
•an instruction_access_exception trap (0x01) is generated if an instruction
fetch is in progress
•a data_access_exception trap (0x09) is generated if a data load is in progress
•a write_error trap (0x2B) is generated if a data store is in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com