Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 245 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 245 Page - NEC

Back Button UPD17708 Datasheet HTML 241Page - NEC UPD17708 Datasheet HTML 242Page - NEC UPD17708 Datasheet HTML 243Page - NEC UPD17708 Datasheet HTML 244Page - NEC UPD17708 Datasheet HTML 245Page - NEC UPD17708 Datasheet HTML 246Page - NEC UPD17708 Datasheet HTML 247Page - NEC UPD17708 Datasheet HTML 248Page - NEC UPD17708 Datasheet HTML 249Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 356 page
background image
245
µPD17704, 17705, 17707, 17708, 17709
16.3 Serial Interface 1
16.3.1 Outline of serial interface 1
Figure 16-16 outlines the serial interface 1.
Serial interface 1 is used in the 3-wire serial I/O mode.
Figure 16-16. Outline of Serial Interface 1
SCK1/P0B2
SIO1CK0 and 1 flags
SIO1HIZ flag
Clock I/O
control block
Data I/O
control block
Wait signal
SIO1TS flag
4.5 MHz
Wait control
block
Clock control block
Clock counter
Count value: 8
IRQSIO1 flag
Presettable shift register 1
(SIO1SFR)
SO1/P0B1
SI1/P0B0
OUT
IN
Remarks 1.
SIO1CK1 and SIO1CK0 (bits 1 and 0 of serial I/O1 mode selection register: refer to Figure 16-17)
select a shift clock.
2.
SIO1TS (bit 3 of serial I/O1 mode selection register: refer to Figure 16-17) starts or stops communication
operation.
3.
SIO1HIZ (bit 2 of serial I/O1 mode selection register: refer to Figure 16-17) selects the function of
the SO1/P0B1 pin.
16.3.2 Clock I/O control block and data I/O control block
The clock I/O control block and data I/O control block control the transmission or reception operation of serial
interface 1 and selects a shift clock.
The internal clock (master) or external clock (slave) operation is selected by the SIO1CK0 and 1 flags.
The SIO1HIZ flag selects whether the SO1 pin is used as a serial data output pin.
The flags that control the clock I/O control block and data I/O control block are allocated to the serial I/O1 mode
selection register.
Figure 16-17 shows the configuration and function of the serial I/O1 mode selection register.
Table 16-7 shows the set status of each pin.
As shown in this table, flags that set the input or output mode of each pin must also be manipulated in addition
to the control flags of the serial interface, in order to set each pin .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com