Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 246 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 246 Page - NEC

Back Button UPD17708 Datasheet HTML 242Page - NEC UPD17708 Datasheet HTML 243Page - NEC UPD17708 Datasheet HTML 244Page - NEC UPD17708 Datasheet HTML 245Page - NEC UPD17708 Datasheet HTML 246Page - NEC UPD17708 Datasheet HTML 247Page - NEC UPD17708 Datasheet HTML 248Page - NEC UPD17708 Datasheet HTML 249Page - NEC UPD17708 Datasheet HTML 250Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 356 page
background image
246
µPD17704, 17705, 17707, 17708, 17709
Figure 16-17. Configuration of Serial I/O1 Mode Selection Register
16.3.3 Clock counter
The clock counter is a wrap-around counter that counts the rising edges of the clock.
Because this counter directly reads the status of the clock pin, whether the clock is an internal clock or external
clock cannot be identified.
The contents of the clock counter cannot be directly read by software.
Name
Flag symbol
b3
S
I
O
1
T
S
b2
S
I
O
1
H
I
Z
b1
S
I
O
1
C
K
1
b0
S
I
O
1
C
K
0
Address
1DH
Read/Write
R/W
Serial I/O1 mode selection
Power-ON reset
WDT&SP reset
CE reset
Clock stop
0
1
0
1
0
0
0
0
External clock input
187.50 kHz
375.00 kHz
46.875 kHz
Selects shift clock of serial interface 1
0
0
0
0
0
0
0
0
0
0
1
1
General-purpose I/O port
Serail data output pin
Selects function of P0B1/SO1 pin
0
1
0
0
0
0
Stops (wait status)
Starts
Start or stops operation of serial communication
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com