Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 249 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 249 Page - NEC

Back Button UPD17708 Datasheet HTML 245Page - NEC UPD17708 Datasheet HTML 246Page - NEC UPD17708 Datasheet HTML 247Page - NEC UPD17708 Datasheet HTML 248Page - NEC UPD17708 Datasheet HTML 249Page - NEC UPD17708 Datasheet HTML 250Page - NEC UPD17708 Datasheet HTML 251Page - NEC UPD17708 Datasheet HTML 252Page - NEC UPD17708 Datasheet HTML 253Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 356 page
background image
249
µPD17704, 17705, 17707, 17708, 17709
16.3.6 Operation of serial interface 1
(1) Timing chart
Figure 16-19 shows the timing chart.
Figure 16-19. Timing Chart of Serial Interface 1
Shift clock
Serial data
La
D7
12
1
0
<1>
<2>
<3>
INT <5>
<4>
26
7
8
0
1
37
8
1
D6
D5
D1
D0
D7
Clock counter
SIO1TS
<1> Initial status (general-purpose input port)
<2> Sets transmission status of master/releases wait status
<3> Wait timing
<4> Releases wait status again
<5> Interrupt issuance timing
(2) Operation of clock counter
The value of the clock counter is incremented from the initial value “0” each time the rising of the clock pin
has been detected.
The value of the clock counter returns to “0” after it has reached “8”, and the clock counter continues counting.
The clock counter is also reset in the following cases.
•
At reset (power-ON reset, WDT&SP reset, CE reset)
•
On execution of clock stop instruction
•
If “0” is written to SIO1TS flag
(3) Wait operation and cautions
When the wait status is released, serial data is output (during transmission operation) at the falling of the next
clock, and the wait status is released at the eighth clock.
After eight clocks have been output, the shift clock pin is made high, and the operations of the clock counter
and presettable shift register 1 are stopped.
The value of the presettable shift register 1 cannot be read correctly if it is read while the wait status is released
and while the shift clock pin is high.
Correct data cannot be written to the presettable shift register 1 while the wait status is released and while
the shift clock pin is low.
If the forced wait status is specified while the wait status is released, the forced wait status is set as soon as
“0” has been written to the SIO1TS flag, and the clock counter is reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com