Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 252 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 252 Page - NEC

Back Button UPD17708 Datasheet HTML 248Page - NEC UPD17708 Datasheet HTML 249Page - NEC UPD17708 Datasheet HTML 250Page - NEC UPD17708 Datasheet HTML 251Page - NEC UPD17708 Datasheet HTML 252Page - NEC UPD17708 Datasheet HTML 253Page - NEC UPD17708 Datasheet HTML 254Page - NEC UPD17708 Datasheet HTML 255Page - NEC UPD17708 Datasheet HTML 256Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 356 page
background image
252
µPD17704, 17705, 17707, 17708, 17709
16.3.7 Cautions on setting and reading data
Data is set to the presettable shift register 1 by using the “PUT SIO1SFR, DBF” instruction.
To read the data of this register, the “GET DBF, SIO1SFR” instruction is used.
Set or read data of the register in the wait status. If the wait status is released, data may not be correctly set or
read depending on the status of the shift clock pin.
The following table shows the data setting and reading timing, and points to be noted.
Table 16-8. Reading and Writing Data of Presettable Shift Register and Cautions
Status on Execution
Status of Shift
Serial I/O Mode
of PUT/GET
Clock Pin
Wait
Read (GET)
• External clock:
Normal write
status
Write (PUT)
floating
Normal write
• Internal clock:
Outputs contents of MSB when wait status is released next time and shift clock
output latch
pin falls (during transmission)
(always high)
Wait
Read (GET)
High level
Cannot be read normally
released
Contents of SIO1SFR are lost
status
Low level
Normal write
Write (PUT)
High level
Normal write
Outputs contents of MSB at which PUT instruction has been executed.
Clock counter is not reset
Low level
Cannot be read normally
Contents of SIO1SFR are lost
Data
MSB
Wait released
PUT SIO1SFR, DBF
Clock
H
L
1
0
Data
MSB
PUT SIO1SFR, DBF
Clock
H
L
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com