Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 256 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 256 Page - NEC

Back Button UPD17708 Datasheet HTML 252Page - NEC UPD17708 Datasheet HTML 253Page - NEC UPD17708 Datasheet HTML 254Page - NEC UPD17708 Datasheet HTML 255Page - NEC UPD17708 Datasheet HTML 256Page - NEC UPD17708 Datasheet HTML 257Page - NEC UPD17708 Datasheet HTML 258Page - NEC UPD17708 Datasheet HTML 259Page - NEC UPD17708 Datasheet HTML 260Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 356 page
background image
256
µPD17704, 17705, 17707, 17708, 17709
17.2 Input Selection Block and Programmable Divider
17.2.1 Configuration and function of input selection block and programmable divider
Figure 17-2 shows the configuration of the input selection block and programmable divider.
The input selection block selects an input pin and division mode of the PLL frequency synthesizer.
The VCOH or VCOL pin can be selected as the input pin.
The voltage on the selected pin is at the intermediate level (approx. 1/2 VDD). The pin not selected is internally
pulled down.
Because these pins are connected to an internal AC amplifier, cut the DC component of the input signal by
connecting a capacitor in series to the pin.
Direct division mode and pulse swallow mode can be selected as division modes.
The programmable divider divides the frequency of the input signal according to the value set to the swallow counter
and programmable counter.
The pin and division mode to be used are selected by the PLL mode selection register.
Figure 17-3 shows the configuration of the PLL mode selection register.
The value of the programmable divider is set by using the PLL data register via data buffer.
Figure 17-2. Configuration of Input Selection Block and Programmable Divider
Note
PLLSCNF flag
PLLMD1 flag
PLLMD0 flag
VCOH
VCOL
PLL disable signal
2-modulus prescaler
1/32, 1/33
Programmable counter
12 bits
fN
-DET
Swallow counter
5 bits
4
16
12
DBF
PLL data register
12 bits
4 bits
R
F
Note
φ
To



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com