Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 255 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 255 Page - NEC

Back Button UPD17708 Datasheet HTML 251Page - NEC UPD17708 Datasheet HTML 252Page - NEC UPD17708 Datasheet HTML 253Page - NEC UPD17708 Datasheet HTML 254Page - NEC UPD17708 Datasheet HTML 255Page - NEC UPD17708 Datasheet HTML 256Page - NEC UPD17708 Datasheet HTML 257Page - NEC UPD17708 Datasheet HTML 258Page - NEC UPD17708 Datasheet HTML 259Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 356 page
background image
255
µPD17704, 17705, 17707, 17708, 17709
17. PLL FREQUENCY SYNTHESIZER
The PLL (Phase Locked Loop) frequency synthesizer is used to lock a frequency in the MF (Medium Frequency),
HF (High Frequency), andVHF (Very High Frequency) to a constant frequency by means of phase difference comparison.
17.1 Outline of PLL Frequency Synthesizer
Figure 17-1 outlines the PLL frequency synthesizer. A PLL frequency synthesizer can be configured by connecting
an external lowpass filter (LPF) and voltage controlled oscillator (VCO).
The PLL frequency synthesizer divides a signal input from the VCOH or VCOL pin by using a programmable divider
and outputs a phase difference between this signal and a reference frequency from the EO0 and EO1 pins.
The PLL frequency synthesizer operates only while the CE pin is high. It is disabled when the CE pin is low. For
the details of the disabled status of the PLL frequency synthesizer, refer to 17.5 PLL Disabled Status.
Figure 17-1. Outline of PLL Frequency Synthesizer
Input select
block
Programmable
divider (PD)
Reference
frequency
generator
4.5 MHz
PLLSCNF flag
DBF
PLLRFCK3 flag
PLLRFCK2 flag
PLLRFCK1 flag
PLLRFCK0 flag
PLLUL flag
PLLMD1 flag
PLLMD0 flag
VCOH
VCOL
EO1
EO0
Phase
comparator
( -DET)
Charge
pump
Lowpass filter
(LPF)
Voltage controlled
oscillator (VCO)
Unlock FF
Note
Note
φ
Note
External circuit
Remarks 1.
PLLMD1 and PLLMD0 (bits 1 and 0 of PLL mode selection register: refer to Figure 17-3) selects
a division mode of the PLL frequency synthesizer.
2.
PLLSCNF (bit 3 of PLL mode selection register: refer to Figure 17-3) selects the least significant
bit of the swallow counter.
3.
PLLRFCK3 through PLLRFCK0 (bits 3 through 0 of PLL reference frequency selection register: refer
to Figure 17-6) selects a reference frequency fr of the PLL frequency synthesizer.
4.
PLLUL (bit 0 of PLL unlock FF register: refer to Figure 17-9) detects the PLL unlock FF status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com