Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 258 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 258 Page - NEC

Back Button UPD17708 Datasheet HTML 254Page - NEC UPD17708 Datasheet HTML 255Page - NEC UPD17708 Datasheet HTML 256Page - NEC UPD17708 Datasheet HTML 257Page - NEC UPD17708 Datasheet HTML 258Page - NEC UPD17708 Datasheet HTML 259Page - NEC UPD17708 Datasheet HTML 260Page - NEC UPD17708 Datasheet HTML 261Page - NEC UPD17708 Datasheet HTML 262Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 356 page
background image
258
µPD17704, 17705, 17707, 17708, 17709
(3) Pulse swallow mode (VHF)
In this mode, the VCOH pin is used.
The VCOL pin is pulled down.
In this mode, the swallow counter and programmable counter are used for frequency division.
(4) VCOL and VCOH pin disabled
In this mode, only the VCOL and VCOH pins are internally pulled down, but the other blocks operate.
17.2.3 Programmable divider and PLL data register
The programmable divider consists of a 5-bit swallow counter and a 12-bit programmable counter. Each counter
is a 17-bit binary down counter.
The programmable counter is allocated to the high-order 12 bits of the PLL data register, and the swallow counter
is allocated to the low-order 4 bits. Data are set to these counters via data buffer.
The least significant bit of the swallow counter sets data to the PLLSCNF flag of the control register.
The value by which the input signal frequency is to be divided is called “N value”.
For how to set a division value (N value) in each division mode, refer to 17.6 Using PLL Frequency Synthesizer.
(1) PLL data register and data buffer
Figure 17-4 shows the relationships between the PLL data register and data buffer.
In the direct division mode, the high-order 12 bits of the PLL data register are valid, and all 17 bits of the register
are valid in the pulse swallow mode.
In the direct division mode, all 12 bits are used as a programmable counter.
In the pulse swallow mode, the high-order 12 bits are used as a programmable counter, and the low-order 5
bits are used as a swallow counter.
(2) Relationship between division value N of programmable divider and divided output frequency
The relationship between the value “N” set to the PLL data register and the signal frequency “fN” divided and
output by the programmable divider is as shown below.
For details, refer to 17.6 Using PLL Frequency Synthesizer.
(a) Direct division mode (MF)
fIN =
fIN
N: 12 bits
N
(b) Pulse swallow mode (HF, VHF)
fIN =
fIN
N: 17 bits
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com