Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 269 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 269 Page - NEC

Back Button UPD17708 Datasheet HTML 265Page - NEC UPD17708 Datasheet HTML 266Page - NEC UPD17708 Datasheet HTML 267Page - NEC UPD17708 Datasheet HTML 268Page - NEC UPD17708 Datasheet HTML 269Page - NEC UPD17708 Datasheet HTML 270Page - NEC UPD17708 Datasheet HTML 271Page - NEC UPD17708 Datasheet HTML 272Page - NEC UPD17708 Datasheet HTML 273Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 356 page
background image
269
µPD17704, 17705, 17707, 17708, 17709
17.6.2 Pulse swallow mode (HF)
(1) Selecting division mode
Select the pulse swallow mode by using the PLL mode selection register.
(2) Pins used
The VCOL pin is enabled to operate when the pulse swallow mode is selected.
(3) Selecting reference frequency fr
Select the reference frequency by using the PLL reference frequency selection register.
(4) Calculation of division value N
Calculate N as follows:
N =
fVCOL
fr
fVCOL : Input frequency of VCOL pin
fr
: Reference frequency
(5) Example of setting PLL data
How to set data to receive broadcasting in the following SW band is described below.
Reception frequency
: 25.50 MHz (SW band)
Reference frequency
: 5 kHz
Intermediate frequency : +450 kHz
Division value N is calculated as follows:
N =
fVCOL
=
25500 + 450
= 5190 (decimal)
fr
5
= 1446H (hexadecimal)
Set data to the PLL data register, PLL mode selection register, and PLL reference frequency selection register
as follows:
Caution The division value N is 17 bits long when the pulse swallow mode is selected, and the least
significant bit of the swallow counter is the bit 3 of the PLL mode selection register (PLLSCNF).
To set “1446H” as the division value N, the value to be actually set to the PLL data register
is “0A23H”.
Note
PLLSCNF flag
PLL data register (PLLR)
0
0
0
0
0
0
1
0 0
0
1
1
1
0
1
0
PLL mode
selection
register
PLL reference
frequency
selection register
Note
0
0
0
1
0
0
1
1
5 kHz
HF
6
4
4
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com