Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 273 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 273 Page - NEC

Back Button UPD17708 Datasheet HTML 269Page - NEC UPD17708 Datasheet HTML 270Page - NEC UPD17708 Datasheet HTML 271Page - NEC UPD17708 Datasheet HTML 272Page - NEC UPD17708 Datasheet HTML 273Page - NEC UPD17708 Datasheet HTML 274Page - NEC UPD17708 Datasheet HTML 275Page - NEC UPD17708 Datasheet HTML 276Page - NEC UPD17708 Datasheet HTML 277Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 356 page
background image
273
µPD17704, 17705, 17707, 17708, 17709
18.2 Input/Output Selection Block and Gate Time Control Block
Figure 18-2 shows the configuration of the input/output selection block and gate time control block.
The input/output selection block consists of an IF counter input selection block and FCG I/O selection block.
The IF counter input selection block selects whether the frequency counter is used as an IF counter or an external
gate counter, by using the IF counter mode register. When the frequency counter is used as the IF counter, either
P1C0/FMIFC or P1C1/AMIFC pin and a count mode are selected. The pin not used for the IF counter is used as a
general-purpose input port pin.
The FCG I/O selection block selects the P2A1/FCG1 or P2A0/FCG0 pin by using the FCG channel selection
register, when the frequency counter is used as the external gate counter. The pin not used is used as a general-
purpose I/O port pin.
When using the frequency counter as the external gate counter, the pin to be used must be set in the input mode
by using the port 2A bit I/O selection register. This is because the pin is set in the general-purpose output port mode
if it is set in the output mode even if the external gate counter function is selected by the IF counter mode selection
register and FCG channel selection register.
The gate time control block selects gate time by using the IF counter mode selection register when the frequency
counter is used as the IF counter, or a count frequency when the frequency counter is used as the external gate counter.
Figure 18-3 shows the configuration of the IF counter mode selection register.
Figure 18-4 shows the configuration of the FCG channel selection register.
Figure 18-2. Configuration of I/O Selection Block and Gate Time Control Block
1/2
P2A1/FCG1
P2A0/FCG0
P1C0/FMIFC
P1C1/AMIFC
Input port
FMIFC
AMIFC
Gate signal
generator
Frequency generator
Selector
Frequency
Gate signal
To start/stop control
block
I/O port
FCGCH1 flag
FCGCH0 flag
IFCMD1 flag
IFCMD0 flag
FCG
IFCCK1 flag
IFCCK0 flag
Selector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com