Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 276 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 276 Page - NEC

Back Button UPD17708 Datasheet HTML 272Page - NEC UPD17708 Datasheet HTML 273Page - NEC UPD17708 Datasheet HTML 274Page - NEC UPD17708 Datasheet HTML 275Page - NEC UPD17708 Datasheet HTML 276Page - NEC UPD17708 Datasheet HTML 277Page - NEC UPD17708 Datasheet HTML 278Page - NEC UPD17708 Datasheet HTML 279Page - NEC UPD17708 Datasheet HTML 280Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 356 page
background image
276
µPD17704, 17705, 17707, 17708, 17709
18.3 Start/Stop Control Block and IF Counter
18.3.1 Configuration of start/stop control block and IF counter
Figure 18-5 shows the configuration of the start/stop control block and IF counter.
The start/stop control block starts the frequency counter or detects the end of counting.
The counter is started by the IF counter control register.
The end of counting is detected by the IF counter gate status detection register. When the external gate counter
function is used, however, the end of counting cannot be detected by the IF counter gate status detection register.
Figure 18-6 shows the configuration of the IF counter control register.
Figure 18-7 shows the configuration of the IF counter gate status detection register.
18.3.2 and 18.3.3 describe the gate operation when the IF counter function is selected and that when the external
gate counter function is selected.
The IF counter is a 16-bit binary counter that counts up the input frequency when the IF counter function or external
gate counter function is selected.
When the IF counter function is selected, the frequency input to a selected pin is counted while the gate is opened
by an internal gate signal. The frequency count is counted without alteration in the AMIF count mode. In the FMIF
counter mode, however, the frequency input to the pin is halved and counted.
When the external gate counter function is selected, the internal frequency is counted while the gate is opened
by the signal input to the pin.
When the IF counter counts up to FFFFH, it remains at FFFFH until reset.
The count value is read by the IF counter data register (IFC) via data buffer.
The count value is reset by the IF counter control register.
Figure 18-8 shows the configuration of the IF counter data register.
Figure 18-5. Configuration of Start/Stop Control Block and IF Counter
Start/Stop
control
IF counter
(16 bits)
16
IF counter data
register (IFC)
DBF
IFCSTRT flag
IFCRES flag
IFCGOSTT flag
Gate signal
Frequency
From gate time
selection block
16
RES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com