Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 272 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 272 Page - NEC

Back Button UPD17708 Datasheet HTML 268Page - NEC UPD17708 Datasheet HTML 269Page - NEC UPD17708 Datasheet HTML 270Page - NEC UPD17708 Datasheet HTML 271Page - NEC UPD17708 Datasheet HTML 272Page - NEC UPD17708 Datasheet HTML 273Page - NEC UPD17708 Datasheet HTML 274Page - NEC UPD17708 Datasheet HTML 275Page - NEC UPD17708 Datasheet HTML 276Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 356 page
background image
272
µPD17704, 17705, 17707, 17708, 17709
18. FREQUENCY COUNTER
18.1 Outline of Frequency Counter
Figure 18-1 outlines the frequency counter.
The frequency counter has an IF counter function to count the intermediate frequency (IF) of an external input signal
and an external gate counter (FCG: Frequency Counter for external Gate signal) to detect the pulse width of an external
input signal.
The IF counter function counts the frequency input to the P1C0/FMIFC or P1C1/AMIFC pin at fixed intervals (1
ms, 4 ms, 8 ms, or open) by using a 16-bit counter.
The external gate counter function counts the frequency of the internal clock (1 kHz, 100 kHz, 900 kHz) from the
rising to the falling of the signal input to the P2A1/FCG1 or P2A0/FCG0 pin.
The IF counter and external gate counter functions cannot be used at the same time.
Figure 18-1. Outline of Frequency Counter
I/O selection
block
Gate time
control block
Start/stop control
block
IF counter
(16 bits)
P2A1/FCG1
FCGCH1 flag
FCGCH0 flag
IFCCK1 flag
IFCCK0 falg
IFCSTRT flag
DBF
IFCGOSTT flag
IFCRES flag
IFCMD1 flag
IFCMD0 flag
P2A0/FCG0
P1C0/FMIFC
P1C1/AMIFC
Remarks 1.
FCGCH1 and FCGCH0 (bits 1 and 0 of FCG channel selection register: refer to Figure 18-4) select
the pin used for the external gate counter function.
2.
IFCMD1 and IFCMD0 (bits 3 and 2 of IF counter mode selection register: refer to Figure 18-3) select
the IF counter or external gate counter function.
3.
IFCCK1 and IFCCK0 (bits 1 and 0 of IF counter mode selection register: refer to Figure 18-3) select
the gate time of the IF counter function and the reference frequency of the external gate counter
function.
4.
IFCSTRT (bit 1 of IF counter control register: refer to Figure 18-6) control starting of the IF counter
and external gate counter functions.
5.
IFCGOSTT (bit 0 of IF counter gate status detection register: refer to Figure 18-7) detects opening/
closing the gate of the IF counter function.
6.
IFCRES (bit 0 of IF counter control register: refer to Figure 18-6) reset the count value of the IF
counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com