Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 284 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 284 Page - NEC

Back Button UPD17708 Datasheet HTML 280Page - NEC UPD17708 Datasheet HTML 281Page - NEC UPD17708 Datasheet HTML 282Page - NEC UPD17708 Datasheet HTML 283Page - NEC UPD17708 Datasheet HTML 284Page - NEC UPD17708 Datasheet HTML 285Page - NEC UPD17708 Datasheet HTML 286Page - NEC UPD17708 Datasheet HTML 287Page - NEC UPD17708 Datasheet HTML 288Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 356 page
background image
284
µPD17704, 17705, 17707, 17708, 17709
18.4.2 Program example of IF counter
A program example of the IF counter is shown below.
As shown in this example, make sure that a wait time elapses after an instruction that selects the P1C0/FMIFC
or P1C1/AMIFC pin for the IF counter function has been executed until counting is started.
This is because, as described in 18.4.1, the internal AC amplifier does not operate normally immediately after a
pin has been selected for the IF counter.
Example To count the frequency input to the P1C0/FMIFC pin (FMIF count mode) (gate time: 8 ms)
INITFLG IFCMD1, NOT IFCMD0, IFCCK1, NOT IFCCK0
; Selects FMIFC pin (FMIF count mode), and sets gate time to 8 ms
Wait
; Internal AC amplifier stabilization time
SET1
IFCRES
; Resets counter
SET1
IFCSTRT
; Starts counting
LOOP:
SKT1
IFCG0STT
; Detects opening or closing of gate
BR
READ
; Branches to READ: if gate is closed
Processing A
BR
LOOP
; Do not read data of IF counter with this processing A
READ:
GET
DBF, IFC
; Reads value of IF counter data register to data buffer
18.4.3 Error of IF counter
The errors of the IF counter include a gate time error and a count error. The following paragraphs (1) and (2)
describe each of these errors.
(1) Gate time error
The gate time of the IF counter is created by dividing the 4.5-MHz clock. Therefore, if the system clock is
shifted from 4.5 MHz by “+x” ppm, the gate time is shifted by “–x” ppm.
(2) Count error
The IF counter counts frequency by the rising edge of the input signal.
If a high level is input to the pin when the gate is open, therefore, one excess pulse is counted.
If the gate is closed, however, a count error due to the status of the pin does not occur.
Therefore, the count error is “+1, –0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com