Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 288 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 288 Page - NEC

Back Button UPD17708 Datasheet HTML 284Page - NEC UPD17708 Datasheet HTML 285Page - NEC UPD17708 Datasheet HTML 286Page - NEC UPD17708 Datasheet HTML 287Page - NEC UPD17708 Datasheet HTML 288Page - NEC UPD17708 Datasheet HTML 289Page - NEC UPD17708 Datasheet HTML 290Page - NEC UPD17708 Datasheet HTML 291Page - NEC UPD17708 Datasheet HTML 292Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 356 page
background image
288
µPD17704, 17705, 17707, 17708, 17709
19.2 I/O Selection Block and Output Selection Block
The I/O selection block selects the input or output mode of the P1D0/BEEP0 and P1D1/BEEP1 pins by using the
port 1D bit I/O selection register. Set the pin to be used as a BEEP pin in the output mode.
The output selection block sets the P1D0/BEEP0 and P1D1/BEEP1 pins in the general-purpose output port mode
or BEEP output mode by using the BEEP/general-purpose port pin function selection register.
Figure 19-2 shows the configuration of the port 1D bit I/O selection register.
Figure 19-3 shows the configuration of the BEEP/general-purpose port pin function selection registerion.
Figure 19-2. Configuration of Port 1D Bit I/O Selection Register
Name
Flag symbol
b3
P
1
D
B
I
O
3
b2
P
1
D
B
I
O
2
b1
P
1
D
B
I
O
1
b0
P
1
D
B
I
O
0
Address
(BANK15)
6CH
Read/Write
R/W
Port 1D bit I/O selection
Power-ON reset
WDT&SP reset
CE reset
Clock stop
0
1
0
0
0
0
0
0
0
0
0
1
Sets P1D0/BEEP0 pin in input mode
Sets P1D0/BEEP0 pin in output mode.
Selects input or output port mode
Sets P1D1/BEEP1 pin in input mode
Sets P1D1/BEEP1 pin in output mode
Selects input or output port mode
Sets P1D2 pin in input mode
Sets P1D2 pin in output mode
Selects input or output port mode
Sets P1D3 pin in input mode
Sets P1D3 pin in output mode
Selects input or output port mode
0
1
0
1
Retained
Retained



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com