Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 287 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 287 Page - NEC

Back Button UPD17708 Datasheet HTML 283Page - NEC UPD17708 Datasheet HTML 284Page - NEC UPD17708 Datasheet HTML 285Page - NEC UPD17708 Datasheet HTML 286Page - NEC UPD17708 Datasheet HTML 287Page - NEC UPD17708 Datasheet HTML 288Page - NEC UPD17708 Datasheet HTML 289Page - NEC UPD17708 Datasheet HTML 290Page - NEC UPD17708 Datasheet HTML 291Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 356 page
background image
287
µPD17704, 17705, 17707, 17708, 17709
19. BEEP
19.1 Outline of BEEP
Figure 19-1 outlines BEEP.
BEEP outputs a clock of 1, 3, 4, or 6.7 kHz from the P1D0/BEEP0 pin, and a clock of 4 kHz, 3 kHz, 200 Hz, or
67 Hz from the P1D1/BEEP1 pin.
The duty factor of the BEEP output is 50%.
Figure 19-1. Outline of BEEP
P1D0/BEEP0
P1D1/BEEP1
P1DBIO0 flag
BEEP0SEL flag
BEEP0CK1 falg
BEEP0CK0 falg
P1DBIO1 flag
BEEP1SEL flag
BEEP1CK1 flag
BEEP1CK0 flag
I/O selection
block
Output selection
flag
Clock
selection
block
I/O selection
block
Output selection
flag
Clock
selection
block
Output latch
Output latch
Clock generation
block
1 kHz
3 kHz
4 kHz
6.7 kHz
67 Hz
200 Hz
Remarks 1.
BEEP0CK1 and BEEP0CK0 (bits 1 and 0 of BEEP clock selection register: refer to Figure 19-4)
select the output frequency of BEEP0.
2.
BEEP1CK1 and BEEP1CK0 (bits 3 and 2 of BEEP clock selection register: refer to Figure 19-4)
select the output frequency of BEEP1.
3.
BEEP1SEL and BEEP0SEL (bits 1 and 0 of BEEP/general-purpose port pin function selection
register: refer to Figure 19-3) select general-purpose I/O port and BEEP.
4.
P1DBIO1 and P1DBIO0 (bits 1 and 0 of port 1D bit I/O selection register: refer to Figure 19-2) select
the input or output mode of the port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com