Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 290 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 290 Page - NEC

Back Button UPD17708 Datasheet HTML 286Page - NEC UPD17708 Datasheet HTML 287Page - NEC UPD17708 Datasheet HTML 288Page - NEC UPD17708 Datasheet HTML 289Page - NEC UPD17708 Datasheet HTML 290Page - NEC UPD17708 Datasheet HTML 291Page - NEC UPD17708 Datasheet HTML 292Page - NEC UPD17708 Datasheet HTML 293Page - NEC UPD17708 Datasheet HTML 294Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 356 page
background image
290
µPD17704, 17705, 17707, 17708, 17709
19.3 Clock Selection Block and Clock Generation Block
The clock selection block selects the output frequency of BEEP1 and BEEP0 by using the BEEP clock selection
register.
The clock generation block generates the clock to be output to BEEP0 and BEEP1.
The clock frequency generated is 1 kHz, 3 kHz, 4 kHz, 6.7 kHz, 67 Hz, or 200 Hz.
Figure 19-4. Configuration of BEEP Clock Selection Register
Name
Flag symbol
b3
B
E
E
P
1
C
K
1
b2
B
E
E
P
1
C
K
0
b1
B
E
E
P
0
C
K
1
b0
B
E
E
P
0
C
K
0
Address
14H
Read/Write
R/W
BEEP clock selection
Power-ON reset
WDT&SP reset
CE reset
Clock stop
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
1
1 kHz
3 kHz
4 kHz
6.7 kHz
Sets output frequency of BEEP0
4 kHz
3 kHz
200 Hz
67 Hz
Sets output frequency of BEEP1
0
0
1
1
0
1
0
1
0
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com