Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 294 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 294 Page - NEC

Back Button UPD17708 Datasheet HTML 290Page - NEC UPD17708 Datasheet HTML 291Page - NEC UPD17708 Datasheet HTML 292Page - NEC UPD17708 Datasheet HTML 293Page - NEC UPD17708 Datasheet HTML 294Page - NEC UPD17708 Datasheet HTML 295Page - NEC UPD17708 Datasheet HTML 296Page - NEC UPD17708 Datasheet HTML 297Page - NEC UPD17708 Datasheet HTML 298Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 356 page
background image
294
µPD17704, 17705, 17707, 17708, 17709
20.2.4 Releasing halt by input port (P0D)
The halt releasing condition using an input port is specified by the “HALT 0001B” instruction.
When the halt releasing condition using an input port is specified, the halt status is released if a high level is input
to one of the P0D0 through P0D3 pins.
The P0D0 through P0D3 pins are multiplexed with the A/D converter input pins AD0 through AD3, and the halt status
is not released when these pins are used as A/D converter input pins.
An example is given below.
•
To use as key matrix
The P0D0 through P0D3 pins are general-purpose input port pins which can be set in the input or output mode
in 1-bit units and can be connected to an internal pull-down resistor. If connection of the internal pull-down
resistor is specified by software, an external resistor can be eliminated as shown in this example (the internal-
pull down resistor is connected at power-ON reset).
The “HALT 0001B” instruction is executed after the general-purpose output ports for key source signal are made
high. Note that if an alternate switch is used as shown by switch A in the above figure, the halt status is released
immediately because a high level is input to the P0D0/AD0 pin while switch A is closed.
P0D3/AD3
P0DPLD3 flag
P0D2/AD2
P0D1/AD1
P0D0/AD0
Switch A
General-purpose output port
Latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com