Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 291 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 291 Page - NEC

Back Button UPD17708 Datasheet HTML 287Page - NEC UPD17708 Datasheet HTML 288Page - NEC UPD17708 Datasheet HTML 289Page - NEC UPD17708 Datasheet HTML 290Page - NEC UPD17708 Datasheet HTML 291Page - NEC UPD17708 Datasheet HTML 292Page - NEC UPD17708 Datasheet HTML 293Page - NEC UPD17708 Datasheet HTML 294Page - NEC UPD17708 Datasheet HTML 295Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 356 page
background image
291
µPD17704, 17705, 17707, 17708, 17709
19.4 Output Waveform of BEEP
The duty factor of the BEEP output waveform is 50%.
Example
f = 3 kHz
f = 1 kHz
f = 200 Hz
f: output frequency of BEEP
166.7
s 166.7
s
500
s
2.5 ms
2.5 ms
500
s
µ
µ
µ
µ
19.5 Status at Reset
19.5.1 At power-ON reset
The P1D0/BEEP0 and P1D1/BEEP1 pins are set in the general-purpose input port mode.
19.5.2 At WDT&SP reset
The P1D0/BEEP0 and P1D1/BEEP1 pins are set in the general-purpose input port mode.
19.5.3 On execution of clock stop instruction
The P1D0/BEEP0 and P1D1/BEEP1 pins are set in the general-purpose I/O port mode, and retain the previous
input or output status.
19.5.4 At CE reset
The P1D0/BEEP0 and P1D1/BEEP1 pins are set in the general-purpose I/O port mode, and retain the previous
input or output status.
19.5.5 In halt status
The previous status is retained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com