Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 146 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 146 Page - NEC

Back Button UPD17708 Datasheet HTML 142Page - NEC UPD17708 Datasheet HTML 143Page - NEC UPD17708 Datasheet HTML 144Page - NEC UPD17708 Datasheet HTML 145Page - NEC UPD17708 Datasheet HTML 146Page - NEC UPD17708 Datasheet HTML 147Page - NEC UPD17708 Datasheet HTML 148Page - NEC UPD17708 Datasheet HTML 149Page - NEC UPD17708 Datasheet HTML 150Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 356 page
background image
µPD17704, 17705, 17707, 17708, 17709
146
Figure 12-21. Configuration of Interrupt Edge Selection Register (2/2)
Caution
The external input is delayed about 100 ns.
Note that an interrupt request signal may be issued at the time when the interrupt request issuance edge is
switched by the interrupt edge selection flags (IEG0 through IEG4).
As indicated in the table 12-3, for example, if the IEG0 flag is set to “1” (falling edge), the high level is input
from the INT0 pin and the IEG0 flag is reset to “0”, the edge detection circuit judges that the rising edge is input
and an interrupt request is issued.
Name
Flag symbol
b3
0
b2
I
E
G
2
b1
I
E
G
1
b0
I
E
G
0
Address
1FH
Read/Write
R/W
Interrupt edge selection 2
Power-ON reset
WDT&SP reset
CE reset
Clock stop
00
0
0
0
0
0
0
1
Rising edge
Falling edge
Selects input edge to issue interrupt request (INT0 pin)
Rising edge
Falling edge
Selects input edge to issue interrupt request (INT1 pin)
Rising edge
Falling edge
Selects input edge to issue interrupt request (INT2 pin)
Fixed to “0”
0
1
0
1
Retained
Retained



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com