Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 147 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 147 Page - NEC

Back Button UPD17708 Datasheet HTML 143Page - NEC UPD17708 Datasheet HTML 144Page - NEC UPD17708 Datasheet HTML 145Page - NEC UPD17708 Datasheet HTML 146Page - NEC UPD17708 Datasheet HTML 147Page - NEC UPD17708 Datasheet HTML 148Page - NEC UPD17708 Datasheet HTML 149Page - NEC UPD17708 Datasheet HTML 150Page - NEC UPD17708 Datasheet HTML 151Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 356 page
background image
147
µPD17704, 17705, 17707, 17708, 17709
Table 12-3. Issuance of Interrupt Request by Changing IEG Flag
Changes in IEG0 through IEG4 Flags Status of INT0 through INT4 Pins
Issuance of Interrupt Request
Status of Interrupt Request Flag
1
→
0
Low level
Not issued
Retains previous status
(Falling) (Rising)
High level
Issued
Set to “1”
0
→
1
Low level
Issued
Set to “1”
(Rising) (Falling)
High level
Not issued
Retains previous status
12.9.3 Interrupt control block
The signal levels that are input to the INT0 through INT4 pins can be detected by using the INT0 through INT4
flags.
Because these flags are reset independently of interrupts, when the interrupt function is not used the INT0
through INT2 pins can be used as a 3-bit input port, and P1A2/INT3 and P1A3/INT4 pins can be used as a 2-
bit general-purpose input port.
If the interrupts are not enabled, these ports can be used as general-purpose port pins whose rising or falling
edge can be detected by reading the corresponding interrupt request flags.
At this time, however, the interrupt request flags are not automatically reset and must be reset by the program.
For further information, also refer to 12.2.1 Configuration and function of interrupt request flag (IRQ
×××).
12.10 Internal Interrupts
The following six internal interrupts are available.
•
Timer 0
•
Timer 1
•
Timer 2
•
Timer 3
•
Serial interface 0
•
Serial interface 1
12.10.1 Timer 0, timer 1, timer 2, and timer 3 interrupts
Interrupt requests are issued at fixed intervals.
For details, refer to 13. TIMER.
12.10.2 Serial interface 0 and serial interface 1 interrupts
Interrupt requests can be issued at the end of a serial output or serial input operation.
For details, refer to 16. SERIAL INTERFACE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com