Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 150 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 150 Page - NEC

Back Button UPD17708 Datasheet HTML 146Page - NEC UPD17708 Datasheet HTML 147Page - NEC UPD17708 Datasheet HTML 148Page - NEC UPD17708 Datasheet HTML 149Page - NEC UPD17708 Datasheet HTML 150Page - NEC UPD17708 Datasheet HTML 151Page - NEC UPD17708 Datasheet HTML 152Page - NEC UPD17708 Datasheet HTML 153Page - NEC UPD17708 Datasheet HTML 154Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 356 page
background image
µPD17704, 17705, 17707, 17708, 17709
150
13.2 Basic Timer 0
13.2.1 Outline of basic timer 0
Figure 13-2 outlines basic timer 0.
Basic timer 0 is used as a timer by detecting in software the BTM0CY flag that is set at fixed intervals (100,
50, 20, or 10 ms).
If the BTM0CY flag is read first after power-ON reset, “0” is always read. After that, the flag is set to “1” at
fixed intervals.
If the CE pin goes high, CE reset is effected in synchronization with the timing at which the BTM0CY flag is
set next.
Therefore, a power failure can be detected by reading the content of the BTM0CY flag at system reset (power-
ON reset or CE reset).
For the details of power failure detection, refer to 21. RESET.
Figure 13-2. Outline of Basic Timer 0
Remarks 1. BTM0CK1 and BTM0CK0 (bits 1 and 0 of basic timer 0 clock selection register: refer to Figure
13-3) set the time intervals at which the BTM0CY flag is set.
2. BTM0CY (bit 0 of basic timer 0 carry register: refer to Figure 13-4) detects the status of the
flip-flop.
Divider
Clock selection block
4.5 MHz
BTM0CY flag
Selector
BTM0CK0 flag
BTM0CK1 flag
Flip-flop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com