Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 197 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 197 Page - NEC

Back Button UPD17708 Datasheet HTML 193Page - NEC UPD17708 Datasheet HTML 194Page - NEC UPD17708 Datasheet HTML 195Page - NEC UPD17708 Datasheet HTML 196Page - NEC UPD17708 Datasheet HTML 197Page - NEC UPD17708 Datasheet HTML 198Page - NEC UPD17708 Datasheet HTML 199Page - NEC UPD17708 Datasheet HTML 200Page - NEC UPD17708 Datasheet HTML 201Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 356 page
background image
197
µPD17704, 17705, 17707, 17708, 17709
Figure 14-5. Configuration of A/D Converter Mode Selection Register
Notes 1. A/D conversion under execution is stopped if “0” is written to this bit.
2. A/D operation is started in the hardware mode when “1” is written to this bit. In the software mode,
operation is started as soon as data has been written (by the PUT instruction) to the A/D converter
reference voltage setting register (ADCR).
Name
Flag symbol
b3
0
b2
A
D
C
M
D
b1
A
D
C
S
T
T
b0
A
D
C
C
M
P
Address
25H
Read/Write
R/W
A/D converter mode selection
Power-ON reser
WDT&SP reser
CE reser
Clock stop
R:Retained
0
1
0
0
0
R
VADCIN < VADCREF
VADCIN > VADCREF
Detects result of comparison by A/D converter
00
0
R
R
End of conversion
Conversion in progress
Software modeNote 1
Hardware modeNote 2
Detects operating status of A/D converter in hardware mode
0
1
0
0
0
0
Selects compare mode of A/D converter and starts or stops A/D converter
0
1
Fixed to “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com