Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 199 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 199 Page - NEC

Back Button UPD17708 Datasheet HTML 195Page - NEC UPD17708 Datasheet HTML 196Page - NEC UPD17708 Datasheet HTML 197Page - NEC UPD17708 Datasheet HTML 198Page - NEC UPD17708 Datasheet HTML 199Page - NEC UPD17708 Datasheet HTML 200Page - NEC UPD17708 Datasheet HTML 201Page - NEC UPD17708 Datasheet HTML 202Page - NEC UPD17708 Datasheet HTML 203Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 356 page
background image
199
µPD17704, 17705, 17707, 17708, 17709
14.4 Comparison Timing Chart
14.4.1 In software mode
Comparison is completed three instructions after data has been set (by the PUT instruction) to the A/D
converter reference voltage setting register (ADCR).
Figure 14-7 shows the timing chart.
Figure 14-7. Timing Chart of Comparison by A/D Converter
14.4.2 In hardware mode
When the ADCMD flag is set to “1”, A/D conversion is started. The ADCSTT flag is set to “1”, and comparison
is completed after 17 instructions have been executed. At this time, the ADCSTT flag is reset to “0” after 15
instructions have been executed after the ADCMD flag was set to “1”. This is because execution time of two
instructions is required to judge the status of the ADCSTT flag. For details, also refer to 14.5 Using A/D
Converter.
Figure 14-8 shows the timing chart.
Figure 14-8. Timing Chart of Comparison by A/D Converter
Instruction cycle
1
“0”
PUT ADCR, DBF
2
Result of comparison
3
Sample & hold
ADCSTT fiag
ADCCMP fiag
Comparison starts
Instruction cycle
1
2
1st
8th
Result of comparison
315
16
17
Sample & hold
ADCSTT flag
Reference voltage setting register
A/D converter
ADCMD flag (=1) set.
Comparison starts
End of comparison



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com