Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 202 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 202 Page - NEC

Back Button UPD17708 Datasheet HTML 198Page - NEC UPD17708 Datasheet HTML 199Page - NEC UPD17708 Datasheet HTML 200Page - NEC UPD17708 Datasheet HTML 201Page - NEC UPD17708 Datasheet HTML 202Page - NEC UPD17708 Datasheet HTML 203Page - NEC UPD17708 Datasheet HTML 204Page - NEC UPD17708 Datasheet HTML 205Page - NEC UPD17708 Datasheet HTML 206Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 356 page
background image
202
µPD17704, 17705, 17707, 17708, 17709
15. D/A CONVERTER (PWM mode)
15.1 Outline of D/A Converter
Figure 15-1 outlines the D/A converter.
The D/A converter outputs a signal whose duty factor is varied by means of PWM (Pulse Width Modulation). By
connecting an external lowpass filter to the D/A converter, a digital signal can be converted into an analog signal.
Each pin of the D/A converter can output a variable-duty signal independently of the others.
Whether an 8-bit counter or 9-bit counter is used for the D/A converter can be specified by software.
When the 8-bit counter is selected, two output frequencies, 4.4 kHz and 440 Hz can be selected, and the duty factor
of the output signal can be varied in 256 steps.
When the 9-bit counter is selected, two output frequencies, 2.2 kHz and 220 Hz, can be selected, and the duty
factor can be varied in 512 steps.
When the D/A converter is not used, it can be used as timer 3, which counts the basic clock (1.125 or 0.1125 MHz)
with an 8-bit counter.
For the details of timer 3, refer to 13. TIMER 3.
Figure 15-1. Outline of D/A Converter
Remarks 1.
PWM2SEL through PWM0SEL (bits 2 through 0 of PWM/general-purpose port pin function selection
register: refer to Figure 15-4) select a general-purpose output port of D/A converter.
2.
PWMBIT (bit 2 of PWM clock selection register: refer to Figure 15-2) selects the number of bits (8
or 9 bits) of the PWM counter.
3.
PWMCK (bit 0 of PWM clock selection register: refer to Figure 15-2) selects the output frequency
of PWM timer.
4.
TM3SEL (bit 3 of timer 3 control register: refer to Figure 15-5) selects timer 3 or D/A converter.
5.
TM3RES (bit 0 of timer 3 control register: refer to Figure 15-5) controls resetting of timer 3 counter.
P1B0/PWM0
P1B1/PWM1
P1B2/PWM2
PWM0SEL flag
DBF
DBF
DBF
Multiplexed with timer 3
Duty setting block
TM3SEL flag
TM3RES flag
RES
fPWM
IRQTM3
Comparator
Comparator
Comparator
PWMBIT
PWMCK
Clock generation
block
9-bit or
8-bit counter
PWM data register 0
(PWMR0)
PWM data register 1
(PWMR1)
PWM data register 2
(PWMR2)
Output selection block
Output selection block
Output selection block
PWM1SEL flag
PWM2SEL flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com