Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 201 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 201 Page - NEC

Back Button UPD17708 Datasheet HTML 197Page - NEC UPD17708 Datasheet HTML 198Page - NEC UPD17708 Datasheet HTML 199Page - NEC UPD17708 Datasheet HTML 200Page - NEC UPD17708 Datasheet HTML 201Page - NEC UPD17708 Datasheet HTML 202Page - NEC UPD17708 Datasheet HTML 203Page - NEC UPD17708 Datasheet HTML 204Page - NEC UPD17708 Datasheet HTML 205Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 356 page
background image
201
µPD17704, 17705, 17707, 17708, 17709
14.6 Cautions on Using A/D Converter
14.6.1 Cautions on selecting A/D converter pin
When one of the P0D0/AD0 through P0D3/AD3, P1C2/AD4, and P1C3/AD5 pins is selected, the other five
pins are forcibly set in the input port mode. The P0D0/AD0 through P0D3/AD3 pins can be connected to a pull-
down resistor if so specified by the P0DPL0 through P0DPLD3 flags in bank 15. To use the P0D0/AD0 through
P0D3/AD3 pins for the A/D converter, therefore, disconnect their pull-down resistors to correctly detect an
external input analog voltage.
14.7 Status at Reset
14.7.1 At power-ON reset
All the P0D0/AD0 through P0D3/AD3, P1C2/AD4, and P1C3/AD5 pins are set in the general-purpose input
port mode.
The P0D0 through P0D3 pins are connected with a pull-down resistor.
14.7.2 At WDT&SP reset
All the P0D0/AD0 through P0D3/AD3, P1C2/AD4, and P1C3/AD5 pins are set in the general-purpose input
port mode.
The P0D0 through P0D3 pins are connected with a pull-down resistor.
14.7.3 At CE reset
The status of the pin selected for the A/D converter is retained as is.
The previous status of the pull-down resistor of the P0D0 through P0D3 pins is retained.
14.7.4 On execution of clock stop instruction
The status of the pin selected for the A/D converter is retained as is.
The previous status of the pull-down resistor of the P0D0 through P0D3 pins is retained.
14.7.5 In halt status
The status of the pin selected for the A/D converter is retained as is.
The previous status of the pull-down resistor of the P0D0 through P0D3 pins is retained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com