Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 224 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 224 Page - NEC

Back Button UPD17708 Datasheet HTML 220Page - NEC UPD17708 Datasheet HTML 221Page - NEC UPD17708 Datasheet HTML 222Page - NEC UPD17708 Datasheet HTML 223Page - NEC UPD17708 Datasheet HTML 224Page - NEC UPD17708 Datasheet HTML 225Page - NEC UPD17708 Datasheet HTML 226Page - NEC UPD17708 Datasheet HTML 227Page - NEC UPD17708 Datasheet HTML 228Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 356 page
background image
224
µPD17704, 17705, 17707, 17708, 17709
16.2.5 Presettable shift register 0
Presettable shift register 0 is an 8-bit shift register that writes serial out data and reads serial in data.
This register writes or reads data via data buffer.
It outputs the contents of the most significant bit (MSB) from the serial data I/O pin in synchronization with the falling
edge of the shift clock (during transmission operation), and reads data to the least significant bit (LSB) in synchronization
with the rising edge of the serial clock.
Figure 16-6 shows the configuration of the presettable shift register 0.
Figure 16-6. Configuration of Presettable Shift Register 0
Note
Data may be destroyed if the PUT or GET instruction is executed during serial communication. For details,
refer to 16.2.10 Causions on setting and reading data.
Name
b3
b2
b1
Symbol Peripheral register
b0
L
S
B
03H
Sets serial out data and reads serial in data
D7
← D6 ← D5 ← D4 ← D3 ← D2 ← D1 ← D0
Serial out
Serial in
Peripheral register
SIO0SFR
b7
M
S
B
b6
b5
b4
Presettable shift
register 0
Valid data
D7 D6 D5 D4 D3 D2 D1 D0
DBF3
Data buffer
Don't care
Transfer data
DBF2
Don't care
DBF1
DBF0
GETNote
8
PUTNote



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com