Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 227 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 227 Page - NEC

Back Button UPD17708 Datasheet HTML 223Page - NEC UPD17708 Datasheet HTML 224Page - NEC UPD17708 Datasheet HTML 225Page - NEC UPD17708 Datasheet HTML 226Page - NEC UPD17708 Datasheet HTML 227Page - NEC UPD17708 Datasheet HTML 228Page - NEC UPD17708 Datasheet HTML 229Page - NEC UPD17708 Datasheet HTML 230Page - NEC UPD17708 Datasheet HTML 231Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 356 page
background image
227
µPD17704, 17705, 17707, 17708, 17709
Figure 16-8. Configuration of Serial I/O0 Wait Status Judge Register
Caution If a slave outputs a wait request while the master is operating, “0” is detected on the SIO0WSTT
flag. The SIO0NWT flag retains the status of 1.
Name
Flag symbol
b3
0
b2
0
b1
0
b0
S
I
O
0
W
S
T
T
Address
0AH
Read/Write
R
Serial I/O0 wait status judge
Power-ON reset
WDT&SP reset
CE reset
Clock stop
0
000
0
0
0
Waiting or requesting wait by slave
Serial communication in progress
Fixed to “0”
Detects serial communication status
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com