Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 226 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 226 Page - NEC

Back Button UPD17708 Datasheet HTML 222Page - NEC UPD17708 Datasheet HTML 223Page - NEC UPD17708 Datasheet HTML 224Page - NEC UPD17708 Datasheet HTML 225Page - NEC UPD17708 Datasheet HTML 226Page - NEC UPD17708 Datasheet HTML 227Page - NEC UPD17708 Datasheet HTML 228Page - NEC UPD17708 Datasheet HTML 229Page - NEC UPD17708 Datasheet HTML 230Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 356 page
background image
226
µPD17704, 17705, 17707, 17708, 17709
Figure 16-7. Configuration of Serial I/O0 Wait Control Register
Name
Flag symbol
b3
S
B
A
C
K
b2
S
I
O
0
N
W
T
b1
S
I
O
0
W
R
Q
1
b0
S
I
O
0
W
R
Q
0
Address
0EH
Read/Write
R/W
Serial I/O0 wait control
Power-ON reset
WDT&SP reset
CE reset
Clock stop
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
1
0
0
1
1
No wait
Data wait
Acknowledge
wait
Address wait
Does not wait
Sets wait condition
0
1
0
1
I2C bus mode
Name
Serial I/O mode
Waits at falling edge of shift
clocks when value of clock
counter is “8”
Waits at falling edge of shift
clock when value of clock
counter is “9”
Waits at falling edge of clock
when value of clock counter
is “8” after detection of start
condition
Wait at rising edge of shift
clock when value of clock
counter is “8”
Setting prohibited
Forced wait
Releases wait status
(serial communication starts)
Sets wait and detects wait status
When flag is written
When flag is read
Waits under condition of SIO0WRQ0
and 1 flags
Serial communication in progress
Reception
(SIO0TX = 0)
Transmission
(SIO0TX = 1)
Sets and detects acknowledge signal in I2C bus mode
I2C bus mode
Serial I/O mode
Retains “0”
Detects acknowledge
of slave (acknowledge
is “0” )
Detects acknowledge
of slave (acknowledge
is “1” )
Outputs “0” as
acknowledge
Outputs “1” as
acknowledge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com