Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

V62/13624-01XE-R Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # V62/13624-01XE-R
Description  Mixed Signal Microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/13624-01XE-R Datasheet(HTML) 19 Page - Texas Instruments

Back Button V62/13624-01XE-R Datasheet HTML 15Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 16Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 17Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 18Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 19Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 20Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 21Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 22Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 77 page
background image
19
MSP430F2132-EP
www.ti.com
SLAS913A – JULY 2013 – REVISED AUGUST 2013
Product Folder Links: MSP430F2132-EP
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report (SPRA953).
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter, ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining RθJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter, ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining RθJA, using a procedure described in JESD51-2a (sections 6 and 7).
(7)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
Spacer
5.2 THERMAL INFORMATION
THERMAL METRIC(1)
MSP430F2132-EP
UNITS
RHB
32 PINS
θJA
Junction-to-ambient thermal resistance(2)
33.2
°C/W
θJCtop
Junction-to-case (top) thermal resistance(3)
24.3
θJB
Junction-to-board thermal resistance(4)
7.3
ψJT
Junction-to-top characterization parameter(5)
0.3
ψJB
Junction-to-board characterization parameter(6)
7.3
θJCbot
Junction-to-case (bottom) thermal resistance(7)
2.3
(1)
Modules might have a different maximum input clock specification. See the specification of the respective module in this data sheet.
(2)
The MSP430F2132 CPU is clocked directly with MCLK. Both the high and low phase of MCLK must not exceed the pulse duration of
the specified maximum frequency.
5.3 Recommended Operating Conditions
(1)
MIN
NOM
MAX
UNIT
VCC
Supply voltage, AVCC = DVCC = VCC
During program execution
1.8
3.6
V
During flash memory programming
2.2
3.6
VSS
Supply voltage
AVSS = DVSS = VSS
0
0
V
TA
Operating free-air temperature
I version
-40
85
°C
Q version
-40
125
fSYSTEM
Processor frequency (maximum MCLK
frequency)(2)(1)
(see Figure 2)
VCC = 1.8 V, Duty cycle = 50% ±10%
dc
6
MHz
VCC = 2.7 V, Duty cycle = 50% ±10%
dc
12
VCC ≥ 3.3 V, Duty cycle = 50% ±10%
dc
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com