Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

V62/13624-01XE-R Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # V62/13624-01XE-R
Description  Mixed Signal Microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/13624-01XE-R Datasheet(HTML) 41 Page - Texas Instruments

Back Button V62/13624-01XE-R Datasheet HTML 37Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 38Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 39Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 40Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 41Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 42Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 43Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 44Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 77 page
background image
41
MSP430F2132-EP
www.ti.com
SLAS913A – JULY 2013 – REVISED AUGUST 2013
Product Folder Links: MSP430F2132-EP
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
(1)
The external reference is used during conversion to charge and discharge the capacitance array. The input capacitance, CI, is also the
dynamic load for an external reference during conversion. The dynamic impedance of the reference supply should follow the
recommendations on analog-source impedance to allow the charge to settle for 10-bit accuracy.
(2)
The accuracy limits the minimum positive external reference voltage. Lower reference voltage levels may be applied with reduced
accuracy requirements.
(3)
Under this condition, the external reference is internally buffered. The reference buffer is active and requires the reference buffer supply
current IREFB. The current consumption can be limited to the sample and conversion period with REBURST = 1.
(4)
The accuracy limits the maximum negative external reference voltage. Higher reference voltage levels may be applied with reduced
accuracy requirements.
(5)
The accuracy limits the minimum external differential reference voltage. Lower differential reference voltage levels may be applied with
reduced accuracy requirements.
(6)
Not ensured for TA > 105°C.
5.32 10-Bit ADC, External Reference
(1)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
VeREF+
Positive external reference input
voltage range(2)
VeREF+ > VeREF-,
SREF1 = 1, SREF0 = 0
1.4
VCC
V
VeREF- ≤ VeREF+ ≤ (VCC - 0.15 V),
SREF1 = 1, SREF0 = 1(3)
1.4
3
VeREF-
Negative external reference input
voltage range(4)
VeREF+ > VeREF-
0
1.2
V
ΔVeREF
Differential external reference
input voltage range
ΔVeREF = VeREF+ - VeREF-
VeREF+ > VeREF-
(5)
1.4
VCC
V
IVeREF+
Static input current into VeREF+
(6)
0 V
≤ VeREF+ ≤ VCC,
SREF1 = 1, SREF0 = 0
2.2 V, 3 V
±1
µA
0 V
≤ VeREF+ ≤ VCC - 0.15 V ≤ 3 V,
SREF1 = 1, SREF0 = 1 (3)
0
IVeREF-
Static input current into VeREF-
(6)
0 V
≤ VeREF- ≤ VCC
2.2 V, 3 V
±1
µA
(1)
Not ensured for TA > 105°C.
(2)
The condition is that the error in a conversion started after tADC10ON is less than ±0.5 LSB. The reference and input signal are already
settled.
5.33 10-Bit ADC, Timing Parameters
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
fADC10CLK
ADC10 input clock
frequency
For specified performance of
ADC10 linearity parameters
ADC10SR = 0
2.2 V, 3 V
0.45
6.3
MHz
ADC10SR = 1
0.45
1.5
fADC10OSC
ADC10 built-in oscillator
frequency
ADC10DIVx = 0, ADC10SSELx = 0,
fADC10CLK = fADC10OSC
2.2 V, 3 V
3.7
6.3
MHz
tCONVERT
Conversion time
ADC10 built-in oscillator, ADC10SSELx = 0,
fADC10CLK = fADC10OSC
2.2 V, 3 V
2.06
4.00
µs
fADC10CLK from ACLK, MCLK or SMCLK,
ADC10SSELx
≠ 0
13 × ADC10DIVx ×
1 / fADC10CLK
tADC10ON
Turn on settling time of
the ADC(1)
See (2)
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com