Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

V62/13624-01XE-R Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # V62/13624-01XE-R
Description  Mixed Signal Microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/13624-01XE-R Datasheet(HTML) 36 Page - Texas Instruments

Back Button V62/13624-01XE-R Datasheet HTML 32Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 33Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 34Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 35Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 36Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 37Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 38Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 39Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 77 page
background image
SDA
SCL
1/fSCL
tHD,DAT
tSU,DAT
tHD,STA
tSU,STA tHD,STA
tSU,STO
tSP
36
MSP430F2132-EP
SLAS913A – JULY 2013 – REVISED AUGUST 2013
www.ti.com
Product Folder Links: MSP430F2132-EP
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
5.28 USCI (I2C Mode)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 8)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
fUSCI
USCI input clock frequency
Internal: SMCLK, ACLK
External: UCLK
Duty cycle = 50% ± 10%
fSYSTEM
MHz
fSCL
SCL clock frequency
2.2 V, 3 V
0
400
kHz
tHD,STA
Hold time (repeated) START
fSCL ≤ 100 kHz
2.2 V, 3 V
4
µs
fSCL > 100 kHz
0.6
tSU,STA
Setup time for a repeated START
fSCL ≤ 100 kHz
2.2 V, 3 V
4.7
µs
fSCL > 100 kHz
0.6
tHD,DAT
Data hold time
2.2 V, 3 V
0
ns
tSU,DAT
Data setup time
2.2 V, 3 V
250
ns
tSU,STO
Setup time for STOP
2.2 V, 3 V
4
µs
tSP
Pulse duration of spikes suppressed by input
filter
2.2 V
45
150
605
ns
3 V
45
100
605
Figure 8. I2C Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com