Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

V62/13624-01XE-R Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # V62/13624-01XE-R
Description  Mixed Signal Microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/13624-01XE-R Datasheet(HTML) 11 Page - Texas Instruments

Back Button V62/13624-01XE-R Datasheet HTML 7Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 8Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 9Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 10Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 11Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 12Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 13Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 14Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 77 page
background image
11
MSP430F2132-EP
www.ti.com
SLAS913A – JULY 2013 – REVISED AUGUST 2013
Product Folder Links: MSP430F2132-EP
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
4.6 Memory Organization
Table 8. Memory Organization
MSP430F2112
MSP430F2122
MSP430F2132
Memory
Size
2 KB
4 KB
8 KB
Main: interrupt vector
Flash
0xFFFF to 0xFFC0
0xFFFF to 0xFFC0
0xFFFF to 0xFFC0
Main: code memory
Flash
0xFFFF to 0xF800
0xFFFF to 0xF000
0xFFFF to 0xE000
Information memory
Size
256 Byte
256 Byte
256 Byte
Flash
0x10FFh to 0x1000
0x10FFh to 0x1000
0x10FFh to 0x1000
Boot memory
Size
1 KB
1 KB
1 KB
ROM
0x0FFF to 0x0C00
0x0FFF to 0x0C00
0x0FFF to 0x0C00
RAM
Size
256 B
512 Byte
512 Byte
0x02FF to 0x0200
0x03FF to 0x0200
0x03FF to 0x0200
Peripherals
16-bit
0x01FF to 0x0100
0x01FF to 0x0100
0x01FF to 0x0100
8-bit
0x00FF to 0x0010
0x00FF to 0x0010
0x00FF to 0x0010
8-bit SFR
0x000F to 0x0000
0x000F to 0x0000
0x000F to 0x0000
4.7 Bootstrap Loader (BSL)
The MSP430F2132 bootstrap loader (BSL) enables users to program the flash memory or RAM using a UART
serial interface. Access to the MSP430F2132 memory via the BSL is protected by user-defined password. For
complete description of the features of the BSL and its implementation, see the MSP430 Programming Via the
Bootstrap Loader User’s Guide (SLAU319).
Table 9. BSL Function Pins
BSL FUNCTION
PW PACKAGE PINS
RHB, RTV PACKAGE PINS
Data transmit
22 - P1.1
22 - P1.1
Data receive
10 - P2.2
8 - P2.2
4.8 Flash Memory
The flash memory can be programmed via the JTAG port, the bootstrap loader, or in-system by the CPU. The
CPU can perform single-byte and single-word writes to the flash memory. Features of the flash memory include:
•
Flash memory has n segments of main memory and four segments of information memory (A to D) of
64 bytes each. Each segment in main memory is 512 bytes in size.
•
Segments 0 to n may be erased in one step, or each segment may be individually erased.
•
Segments A to D can be erased individually, or as a group with segments 0 to n.
Segments A to D are also called information memory.
•
Segment A contains calibration data. After reset, segment A is protected against programming and erasing. It
can be unlocked, but care should be taken not to erase this segment if the device-specific calibration data is
required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com