Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

V62/13624-01XE-R Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # V62/13624-01XE-R
Description  Mixed Signal Microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/13624-01XE-R Datasheet(HTML) 29 Page - Texas Instruments

Back Button V62/13624-01XE-R Datasheet HTML 25Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 26Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 27Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 28Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 29Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 30Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 31Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 32Page - Texas Instruments V62/13624-01XE-R Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 77 page
background image
29
MSP430F2132-EP
www.ti.com
SLAS913A – JULY 2013 – REVISED AUGUST 2013
Product Folder Links: MSP430F2132-EP
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
(1)
Not ensured for TA > 105°C.
(2)
The DCO clock wake-up time is measured from the edge of an external wake-up signal (for example, a port interrupt) to the first clock
edge observable externally on a clock pin (MCLK or SMCLK).
(3)
Parameter applicable only if DCOCLK is used for MCLK.
5.18 Wake-Up From Lower-Power Modes (LPM3/4)
(1)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted). See Typical
Characteristics - DCO Clock Wake-Up Time From LPM3/4 for related characterization graphs.
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
tDCO,LPM3/4
DCO clock wake-up time
from LPM3/4(2)
BCSCTL1 = CALBC1_1MHZ,
DCOCTL = CALDCO_1MHZ
2.2 V, 3 V
2
µs
BCSCTL1 = CALBC1_8MHZ,
DCOCTL = CALDCO_8MHZ
1.5
BCSCTL1 = CALBC1_12MHZ,
DCOCTL = CALDCO_12MHZ
1
BCSCTL1 = CALBC1_16MHZ,
DCOCTL = CALDCO_16MHZ
3 V
1
tCPU,LPM3/4
CPU wake-up time from
LPM3/4(3)
1 / fMCLK +
tClock,LPM3/4
(1)
ROSC = 100 kΩ. Metal film resistor, type 0257, 0.6 W with 1% tolerance and TK = ±50 ppm/°C.
5.19 DCO With External Resistor ROSC
(1)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted). See Typical
Characteristics - DCO With External Resistor ROSC for related characterization graphs.
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
fDCO,ROSC
DCO output frequency with ROSC
DCOR = 1,
RSELx = 4, DCOx = 3, MODx = 0,
TA = 25°C
2.2 V
1.8
MHz
3 V
1.95
DT
Temperature drift
DCOR = 1,
RSELx = 4, DCOx = 3, MODx = 0
2.2 V, 3 V
±0.1
%/°C
DV
Drift with VCC
DCOR = 1,
RSELx = 4, DCOx = 3, MODx = 0
2.2 V, 3 V
10
%/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com